Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL512P12TAI022 Datasheet (PDF) - SPANSION

S29GL512P12TAI022 Datasheet PDF - SPANSION
Part # S29GL512P12TAI022
Download  S29GL512P12TAI022 Download

File Size   1561.72 Kbytes
Page   71 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology

S29GL512P12TAI022 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL512P12TAI022 Datasheet PDF - SPANSION

Part # S29GL512P12TAI022
Download  S29GL512P12TAI022 Click to download

File Size   1561.72 Kbytes
Page   71 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology

S29GL512P12TAI022 Datasheet (HTML) - SPANSION

Back Button S29GL512P12TAI022 Datasheet HTML 1Page - SPANSION S29GL512P12TAI022 Datasheet HTML 2Page - SPANSION S29GL512P12TAI022 Datasheet HTML 3Page - SPANSION S29GL512P12TAI022 Datasheet HTML 4Page - SPANSION S29GL512P12TAI022 Datasheet HTML 5Page - SPANSION S29GL512P12TAI022 Datasheet HTML 6Page - SPANSION S29GL512P12TAI022 Datasheet HTML 7Page - SPANSION S29GL512P12TAI022 Datasheet HTML 8Page - SPANSION S29GL512P12TAI022 Datasheet HTML 9Page - SPANSION S29GL512P12TAI022 Datasheet HTML 10Page - SPANSION Next Button 

S29GL512P12TAI022 Product details

1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology

General Description
The Spansion S29GL01G/512/256/128P are Mirrorbit® Flash products fabricated on 90 nm process technology. These devices offer a fast page access time of 25 ns with a corresponding random access time as fast as 90 ns. They feature a Write Buffer that allows a maximum of 32 words/64 bytes to be programmed in one operation, resulting in faster effective programming time than standard programming algorithms. This makes these devices ideal for today’s embedded applications that require higher density, better performance and lower power consumption.

Distinctive Characteristics
■ Single 3V read/program/erase (2.7-3.6 V)
■ Enhanced VersatileI/O™ control
   – All input levels (address, control, and DQ input levels) and outputs are determined by voltage on VIO input. VIO range is 1.65 to VCC
■ 90 nm MirrorBit process technology
■ 8-word/16-byte page read buffer
■ 32-word/64-byte write buffer reduces overall programming time for multiple-word updates
■ Secured Silicon Sector region
   – 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number
   – Can be programmed and locked at the factory or by the customer
■ Uniform 64 Kword/128 Kbyte Sector Architecture
   – S29GL01GP: One thousand twenty-four sectors
   – S29GL512P: Five hundred twelve sectors
   – S29GL256P: Two hundred fifty-six sectors
   – S29GL128P: One hundred twenty-eight sectors
■ 100,000 erase cycles per sector typical
■ 20-year data retention typical
■ Offered Packages
   – 56-pin TSOP
   – 64-ball Fortified BGA
■ Suspend and Resume commands for Program and Erase operations
■ Write operation status bits indicate program and erase operation completion
■ Unlock Bypass Program command to reduce programming time
■ Support for CFI (Common Flash Interface)
■ Persistent and Password methods of Advanced Sector Protection
■ WP#/ACC input
   – Accelerates programming time (when VHH is applied) for greater throughput during system production
   – Protects first or last sector regardless of sector protection settings
■ Hardware reset input (RESET#) resets device
■ Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Similar Part No. - S29GL512P12TAI022

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Similar Description - S29GL512P12TAI022

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com