Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4922-1ARDZ Datasheet (PDF) - Analog Devices

ADA4922-1ARDZ Datasheet PDF - Analog Devices
Part # ADA4922-1ARDZ
Download  ADA4922-1ARDZ Download

File Size   425.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Differential 18-Bit ADC Driver

ADA4922-1ARDZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4922-1ARDZ Datasheet PDF - Analog Devices

Part # ADA4922-1ARDZ
Download  ADA4922-1ARDZ Click to download

File Size   425.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Differential 18-Bit ADC Driver

ADA4922-1ARDZ Datasheet (HTML) - Analog Devices

Back Button ADA4922-1ARDZ Datasheet HTML 1Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 2Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 3Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 4Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 5Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 6Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 7Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 8Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 9Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 10Page - Analog Devices Next Button 

ADA4922-1ARDZ Product details

GENERAL DESCRIPTION
The ADA4922-1 is a differential driver for 16-bit to 18-bit ADCs that have differential input ranges up to ±20 V. Configured as an easy-to-use, single-ended-to-differential amplifier, the ADA4922-1 requires no external components to drive ADCs. The ADA4922-1 provides essential benefits such as low distortion and high SNR that are required for driving ADCs with resolutions up to 18 bits.

FEATURES
Single-ended-to-differential conversion
Low distortion (VO, dm = 40 V p-p)
    −99 dBc HD at 100 kHz
Low differential output referred noise: 12 nV/√Hz
High input impedance: 11 MΩ
Fixed gain of 2
      No external gain components required
Low output-referred offset voltage: 1.1 mV max
Low input bias current: 3.5 μA max
Wide supply range
   5 V to 26 V
   Can produce differential output signals in excess of 40 V p-p 
High speed
   38 MHz, −3 dB bandwidth @ 0.2 V p-p differential output
Fast settling time
   200 ns to 0.01% for 12 V step on ±5 V supplies
Disable feature
Available in space-saving, thermally enhanced packages
   3 mm × 3 mm LFCSP
   8-lead SOIC_EP
Low supply current: IS = 10 mA on ±12 V supplies

APPLICATIONS
High voltage data acquisition systems
Industrial instrumentation
Spectrum analysis
ATE
Medical instruments




Similar Part No. - ADA4922-1ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1ARDZ AD-ADA4922-1ARDZ Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1ARDZ-RL AD-ADA4922-1ARDZ-RL Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
More results


Similar Description - ADA4922-1ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1 AD-ADA4922-1_16 Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
   Single-Supply, Differential, 18-Bit ADC Driver
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com