Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCMP601BKSZ-REEL7 Datasheet (PDF) - Analog Devices

ADCMP601BKSZ-REEL7 Datasheet PDF - Analog Devices
Part # ADCMP601BKSZ-REEL7
Download  ADCMP601BKSZ-REEL7 Download

File Size   322.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators

ADCMP601BKSZ-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP601BKSZ-REEL7 Datasheet PDF - Analog Devices

Part # ADCMP601BKSZ-REEL7
Download  ADCMP601BKSZ-REEL7 Click to download

File Size   322.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators

ADCMP601BKSZ-REEL7 Datasheet (HTML) - Analog Devices

Back Button ADCMP601BKSZ-REEL7 Datasheet HTML 1Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 2Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 3Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 4Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADCMP601BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADCMP601BKSZ-REEL7 Product details

GENERAL DESCRIPTION

The ADCMP600, ADCMP601, and ADCMP602 are very fast comparators fabricated on XFCB2, an Analog Devices, Inc. proprietary process. These comparators are exceptionally versatile and easy to use. Features include an input range from GND − 0.5 V to VCC + 0.2 V, low noise, TTL-/CMOS-compatible output drivers, and latch inputs with adjustable hysteresis and/or shutdown inputs.

The device offers 5 ns propagation delay with 10 mV overdrive on 3 mA typical supply current.



FEATURES

Fully specified rail to rail at VCC = 2.5 V to 5.5 V

Input common-mode voltage from −0.2 V to VCC + 0.2 V

Low glitch CMOS-/TTL-compatible output stage

3.5 ns propagation delay

10 mW at 3.3 V

Shutdown pin

Single-pin control for programmable hysteresis and latch

Power supply rejection > 50 dB

Improved replacement for MAX999

−40°C to +125°C operation



APPLICATIONS

High speed instrumentation

Clock and data signal restoration

Logic level shifting or translation

Pulse spectroscopy

High speed line receivers

Threshold detection

Peak and zero-crossing detectors

High speed trigger circuitry

Pulse-width modulators

Current/voltage-controlled oscillators

Automatic test equipment (ATE)




Similar Part No. - ADCMP601BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP601BKSZ-REEL7 AD-ADCMP601BKSZ-REEL7 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
More results


Similar Description - ADCMP601BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
   Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Rev. PrA
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
AD8468 AD-AD8468 Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com