Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9510 Datasheet (PDF) - Analog Devices

AD9510 Datasheet PDF - Analog Devices
Part # AD9510
Download  AD9510 Download

File Size   597.01 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs

AD9510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9510 Datasheet PDF - Analog Devices

Part # AD9510
Download  AD9510 Click to download

File Size   597.01 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs

AD9510 Datasheet (HTML) - Analog Devices

Back Button AD9510 Datasheet HTML 1Page - Analog Devices AD9510 Datasheet HTML 2Page - Analog Devices AD9510 Datasheet HTML 3Page - Analog Devices AD9510 Datasheet HTML 4Page - Analog Devices AD9510 Datasheet HTML 5Page - Analog Devices AD9510 Datasheet HTML 6Page - Analog Devices AD9510 Datasheet HTML 7Page - Analog Devices AD9510 Datasheet HTML 8Page - Analog Devices AD9510 Datasheet HTML 9Page - Analog Devices AD9510 Datasheet HTML 10Page - Analog Devices Next Button 

AD9510 Product details

GENERAL DESCRIPTION
The AD9510 provides a multi-output clock distribution function along with an on-chip PLL core. The design emphasizes low jitter and phase noise to maximize data converter performance. Other applications with demanding phase noise and jitter requirements also benefit from this part.

FEATURES
   Low phase noise phase-locked loop core
      Reference input frequencies to 250 MHz
      Programmable dual-modulus prescaler
      Programmable charge pump (CP) current
      Separate CP supply (VCPS) extends tuning range
   Two 1.6 GHz, differential clock inputs
   8 programmable dividers, 1 to 32, all integers
   Phase select for output-to-output coarse delay adjust
   4 independent 1.2 GHz LVPECL outputs
      Additive output jitter 225 fs rms
   4 independent 800 MHz/250 MHz LVDS/CMOS clock outputs
      Additive output jitter 275 fs rms
      Fine delay adjust on 2 LVDS/CMOS outputs
   Serial control port
   Space-saving 64-lead LFCSP
  
APPLICATIONS
   Low jitter, low phase noise clock distribution
   Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
   High performance wireless transceivers
   High performance instrumentation
   Broadband infrastructure




Similar Part No. - AD9510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9510 AD-AD9510 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
More results


Similar Description - AD9510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9511 AD-AD9511 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
   1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9514 AD-AD9514 Datasheet
633Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com