Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI-8B45-02 Datasheet (PDF) - List of Unclassifed Manufacturers

DI-8B45-02 Datasheet PDF - List of Unclassifed Manufacturers
Part # DI-8B45-02
Download  DI-8B45-02 Download

File Size   318.64 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Frequency Input Modules

DI-8B45-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-8B45-02 Datasheet PDF - List of Unclassifed Manufacturers

Part # DI-8B45-02
Download  DI-8B45-02 Click to download

File Size   318.64 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Frequency Input Modules

DI-8B45-02 Datasheet (HTML) - List of Unclassifed Manufacturers

DI-8B45-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers DI-8B45-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers

DI-8B45-02 Product details

DESCRIPTION
DI-8B modules are an optimal solution for monitoring real-world process signals and providing high level signals to a data acquisition system. Each DI-8B45 module isolates and conditions a frequency input signal and provides an analog voltage output.

FEATURES
• Accepts Frequency Input Signals 0 to 100kHz
• TTL or Zero-Crossing Signal Inputs
• High Level Voltage Outputs
• 1500Vrms Transformer Isolation
• ANSI/IEEE C37.90.1 Transient Protection
• Input Protected up to 240VAC Continuous
• 100dB CMR
• 70dB NMR at 60Hz
• ±0.10% Accuracy
• ±0.05% Linearity
• Low Drift with Ambient Temperature
• UL, CSA, FM and CE Certifications Pending
• Mix and Match Module Types




Similar Part No. - DI-8B45-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
DI-8B47J-01 ETC1-DI-8B47J-01 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
DI-8B47J-02 ETC1-DI-8B47J-02 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
DI-8B47J-03 ETC1-DI-8B47J-03 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
DI-8B47J-12 ETC1-DI-8B47J-12 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
More results


Similar Description - DI-8B45-02

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
logo
Vicor Corporation
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
   Input Attenuator Modules
logo
Grayhill, Inc
73G-ITCJ GRAYHILL-73G-ITCJ Datasheet
126Kb / 2P
   Thermocouple Input Modules
logo
Tyco Electronics
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-9 MACOM-2-1393028-9 Datasheet
77Kb / 4P
   Input/Output Modules
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com