Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS780 Datasheet (PDF) - Siemens Semiconductor Group

BTS780 Datasheet PDF - Siemens Semiconductor Group
Part # BTS780
Download  BTS780 Download

File Size   164.87 Kbytes
Page   17 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BTS780

BTS780 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS780 Datasheet PDF - Siemens Semiconductor Group

Part # BTS780
Download  BTS780 Click to download

File Size   164.87 Kbytes
Page   17 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BTS780

BTS780 Datasheet (HTML) - Siemens Semiconductor Group

Back Button BTS780 Datasheet HTML 1Page - Siemens Semiconductor Group BTS780 Datasheet HTML 2Page - Siemens Semiconductor Group BTS780 Datasheet HTML 3Page - Siemens Semiconductor Group BTS780 Datasheet HTML 4Page - Siemens Semiconductor Group BTS780 Datasheet HTML 5Page - Siemens Semiconductor Group BTS780 Datasheet HTML 6Page - Siemens Semiconductor Group BTS780 Datasheet HTML 7Page - Siemens Semiconductor Group BTS780 Datasheet HTML 8Page - Siemens Semiconductor Group BTS780 Datasheet HTML 9Page - Siemens Semiconductor Group BTS780 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

BTS780 Product details

Description

The BTS 780is a TrilithICcontains one double high-side switch and two low-side switches in one P-TO263-15-1.

“Silicon instead of heatsink” becomes true

The ultra low RDS ON of this device avoids powerdissipation. It saves costs in mechanical construction and mounting and increases the efficiency.



Features

• Quad switch driver

• Free configurable as bridge or quad-switch

• Optimized for DC motor management applications

• Ultra low RDS ON@25°C:

   High-side switch: typ. 35 mΩ, Low-side switch: typ. 15 mΩ

• Very high peak current capability

• Very low quiescent current

• Space- and thermal optimized SMD-Power-Package

• Load and GND-short-circuit-protected

• Operates up to 40 V

• 2-Bit status flag diagnosis

• Overtemperature shut down with hysteresis

• Short-circuit detection and diagnosis

• Open-load detection and diagnosis

• C-MOS compatible inputs

• Internal clamp diodes

• Isolated sources for external current sensing

• Over- and under-voltage detection with hysteresis




Similar Part No. - BTS780

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
More results





Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com