Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB5433 Datasheet (PDF) - OSRAM GmbH

LB5433 Datasheet PDF - OSRAM GmbH
Part # LB5433
Download  LB5433 Download

File Size   121.39 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED

LB5433 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB5433 Datasheet PDF - OSRAM GmbH

Part # LB5433
Download  LB5433 Click to download

File Size   121.39 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED

LB5433 Datasheet (HTML) - OSRAM GmbH

Back Button LB5433 Datasheet HTML 1Page - OSRAM GmbH LB5433 Datasheet HTML 2Page - OSRAM GmbH LB5433 Datasheet HTML 3Page - OSRAM GmbH LB5433 Datasheet HTML 4Page - OSRAM GmbH LB5433 Datasheet HTML 5Page - OSRAM GmbH LB5433 Datasheet HTML 6Page - OSRAM GmbH LB5433 Datasheet HTML 7Page - OSRAM GmbH LB5433 Datasheet HTML 8Page - OSRAM GmbH LB5433 Datasheet HTML 9Page - OSRAM GmbH LB5433 Datasheet HTML 10Page - OSRAM GmbH Next Button 

LB5433 Product details

Features
• package: clear 5 mm (T1 ¾) package
• feature of the device: narrow viewing angle
• wavelength: 470 nm (blue), 505 nm (verde), 528 nm (true green)
• viewing angle: 40°
• technology: InGaN
• optical efficiency: 2 lm/W (blue), 6 lm/W (verde), 8 lm/W (true green)
• grouping parameter: luminous intensity
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to MIL STD 883 D, Method 3015.7

Applications
• outdoor displays
• optical indicators
• backlighting (keys, displays, illuminated advertising, general lighting)
• interior automotive lighting (e.g. dashboard backlighting, etc.)
• substitution of micro incandescent lamps
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)




Similar Part No. - LB5433

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
   colorless, clear 5 mm package
More results


Similar Description - LB5433

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
   5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com