Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAJD226M25R501 Datasheet (PDF) - Sharma Electro Components,Inc

SAJD226M25R501 Datasheet PDF - Sharma Electro Components,Inc
Part # SAJD226M25R501
Download  SAJD226M25R501 Download

File Size   459.84 Kbytes
Page   3 Pages
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc
Description Tantalum Capacitors

SAJD226M25R501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAJD226M25R501 Datasheet PDF - Sharma Electro Components,Inc

Part # SAJD226M25R501
Download  SAJD226M25R501 Click to download

File Size   459.84 Kbytes
Page   3 Pages
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc
Description Tantalum Capacitors

SAJD226M25R501 Datasheet (HTML) - Sharma Electro Components,Inc

SAJD226M25R501 Datasheet HTML 1Page - Sharma Electro Components,Inc SAJD226M25R501 Datasheet HTML 2Page - Sharma Electro Components,Inc SAJD226M25R501 Datasheet HTML 3Page - Sharma Electro Components,Inc

SAJD226M25R501 Product details

INTRODUCTION

The SAJ series Tantalum Chip Capacitors cover a wide range of values and applications. The Extended range of this series cover higher capacitance values in smaller case sizes. Also included are low profile capacitors developed for special applications where height is critical.



FEATURES:

•HIGH SOLDER HEAT RESISTANCE - 269°C, 5 TO 10 SECS.

•ULTRA COMPACT SIZES IN EXTENDED RANGE (BOLD PRINT) ALLOWS HIGH DENSITY COMPONENT MOUNTING.

•LOW PROFILE CAPACITORS WITH HEIGHT 1.2MM MAX (A2 & B2) AND 1.5MM MAX (C2) FOR USE ON PCB’S, WHERE HEIGHT IS CRITICAL.

•COMPONENTS MEET IEC SPEC QC 300801/US0001 AND EIA 535BAAC. REEL PACKING STDS- EIAJ RC-1009B /EIA 481/IEC 286-3.

•EPOXY MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND SURFACE FINISH. ENGINEERED FOR AUTOMATIC ONSERTION.

•COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.




Similar Part No. - SAJD226M25R501

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101X TEC-SAJ101X Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SDTPTQ TEC-SAJ101XBL0N74SDTPTQ Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SNCPTQ TEC-SAJ101XBL0N74SNCPTQ Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SNOPTQ TEC-SAJ101XBL0N74SNOPTQ Datasheet
323Kb / 3P
   Snap Action Switches
More results


Similar Description - SAJD226M25R501

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com