Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2369 Datasheet (PDF) - NEC

2SC2369 Datasheet PDF - NEC
Part # 2SC2369
Download  2SC2369 Download

File Size   35.84 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description High Frequency Low Noise Amplifier

2SC2369 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2369 Datasheet PDF - NEC

Part # 2SC2369
Download  2SC2369 Click to download

File Size   35.84 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description High Frequency Low Noise Amplifier

2SC2369 Datasheet (HTML) - NEC

2SC2369 Datasheet HTML 1Page - NEC

2SC2369 Product details

DESCRIPTION
NECs NE021 series of NPN silicon transistors provides economical solutions to wide ranges of amplifier and oscillator problems. Low noise and high current capability provide wide dynamic ranges; the excellent linearity of S21 with collector current assures low low intermodulation distortion. The NE021 series is available as a chip or in several package styles. The series uses the NEC gold, platinum, titanium, and platinum-silicide metallization system to provide the utmost in reliability. 

FEATURES
• HIGH INSERTION GAIN: 18.5 dB at 500 MHz
• LOW NOISE FIGURE: 1.5 dB at 500 MHz
• HIGH POWER GAIN: 12 dB at 2 GHz
• LARGE DYNAMIC RANGE: 19 dBm at 1 dB 2 GHz Gain Compression



Similar Part No. - 2SC2369

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2361 ISC-2SC2361 Datasheet
56Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2361 SAVANTIC-2SC2361 Datasheet
89Kb / 3P
   Silicon NPN Power Transistors
2SC2361 SAVANTIC-2SC2361 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC2362 SANYO-2SC2362 Datasheet
127Kb / 4P
   High-Voltage Low-Noise Amp Applications
2SC2362K SANYO-2SC2362K Datasheet
127Kb / 4P
   High-Voltage Low-Noise Amp Applications
More results


Similar Description - 2SC2369

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4017 SANYO-MCH4017 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3356 UTC-2SC3356_09 Datasheet
197Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com