Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM39300T-1.8 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM39300T-1.8 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM39300T-1.8
Download  LM39300T-1.8 Download

File Size   281.77 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3A Low-Voltage Low-Dropout Regulator

LM39300T-1.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM39300T-1.8 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM39300T-1.8
Download  LM39300T-1.8 Click to download

File Size   281.77 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3A Low-Voltage Low-Dropout Regulator

LM39300T-1.8 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.

LM39300T-1.8 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39300T-1.8 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.

LM39300T-1.8 Product details

DESCRIPTION
The LM39300, LM39301 and LM39302 are 3.0A low-dropout linear voltage regulators that provide a low voltage, high-current output with a minimum of external components. The LM39300/1 offers extremely low dropout (typically 400mV at 3.0A) and low ground current (typically 36mA at 3.0A).

FEATURES
● 3A minimum guaranteed output current
● 500mV typical dropout at 3A
   Ideal for 3.0V to 2.5V conversion
   Ideal for 2.5V to 1.8V or 1.5V conversion
● 1% initial accuracy
● Low ground current
● Current limiting and thermal shutdown
● Reversed-battery protection
● Reversed-leakage protection
● Fast transient response
● TTL/CMOS compatible enable pin => LM39301
● Error flag output - LM39301 only
● Adjustable version - LM39302 only
● TO-263 and TO-220 packaging
● Moisture Sensitivity Level 3

APPLICATIONS
● LDO linear regulator for PC add-in cards
● High-efficiency linear power supplies
● Multimedia and PC processor supplies
● SMPS post regulator
● Low-voltage microcontrollers
● StrongARM™ processor supply




Similar Part No. - LM39300T-1.8

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM39300T HTC-LM39300T Datasheet
271Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results


Similar Description - LM39300T-1.8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
   3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com