Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4008 Datasheet (PDF) - Rohm

2SC4008 Datasheet PDF - Rohm
Part # 2SC4008
Download  2SC4008 Download

File Size   61.61 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (-80V, -4A)

2SC4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4008 Datasheet PDF - Rohm

Part # 2SC4008
Download  2SC4008 Click to download

File Size   61.61 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (-80V, -4A)

2SC4008 Datasheet (HTML) - Rohm

2SC4008 Datasheet HTML 1Page - Rohm 2SC4008 Datasheet HTML 2Page - Rohm

2SC4008 Product details



Similar Part No. - 2SC4008

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4008 ISC-2SC4008 Datasheet
251Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
2SC4008 ROHM-2SC4008 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results


Similar Description - 2SC4008

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
   Power Transistor (80V, 4A)
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
   Power Transistor (-80V, -4A)
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
   Power Transistor (-80V, -4A)
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
   Power Transistor (−80V, −4A)
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
   Power Transistor (-80V, -4A)
2SB1644J ROHM-2SB1644J Datasheet
373Kb / 7P
   PNP -4A -80V Power Transistor
2013.03 - Rev.A
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
   NPN 4A 80V Middle Power Transistor
2SAR564F3 ROHM-2SAR564F3 Datasheet
1Mb / 9P
   PNP -4A -80V Middle Power Transistor
logo
Mospec Semiconductor
2SD526 MOSPEC-2SD526 Datasheet
118Kb / 3P
   POWER TRANSISTORS(4A,80V,30W)
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com