Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3H2B Datasheet (PDF) - Sharp Corporation

PC3H2B Datasheet PDF - Sharp Corporation
Part # PC3H2B
Download  PC3H2B Download

File Size   179.55 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Half Pitch Package, High CMR Photocoupler

PC3H2B Datasheet (PDF)

Go To PDF Page Download Datasheet
PC3H2B Datasheet PDF - Sharp Corporation

Part # PC3H2B
Download  PC3H2B Click to download

File Size   179.55 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Half Pitch Package, High CMR Photocoupler

PC3H2B Datasheet (HTML) - Sharp Corporation

Back Button PC3H2B Datasheet HTML 1Page - Sharp Corporation PC3H2B Datasheet HTML 2Page - Sharp Corporation PC3H2B Datasheet HTML 3Page - Sharp Corporation PC3H2B Datasheet HTML 4Page - Sharp Corporation PC3H2B Datasheet HTML 5Page - Sharp Corporation PC3H2B Datasheet HTML 6Page - Sharp Corporation PC3H2B Datasheet HTML 7Page - Sharp Corporation PC3H2B Datasheet HTML 8Page - Sharp Corporation PC3H2B Datasheet HTML 9Page - Sharp Corporation PC3H2B Datasheet HTML 10Page - Sharp Corporation Next Button 

PC3H2B Product details

■ Description
PC3H2 Series contains a IRED optically coupled to a phototransistor.
It is packaged in a 4-pin Mini-flat, Half pitch type.
Input-output isolation voltage(rms) is 2.5kV.
Collector-emitter voltage is 80V(*), CTR is 20% to 400% at input current of 1mA and CMR is MIN. 10kV/µs.

■ Features
1. 4-pin Mini-flat Half pitch package (Lead pitch : 1.27mm)
2. Double transfer mold package (Ideal for Flow Soldering)
3. High collector-emitter voltage (VCEO : 80V(∗))
4. High noise immunity due to high common mode rejection voltage (CMR : MIN. 10kV/µs)
5. Isolation voltage between input and output (Viso(rms) : 2.5kV)

■ Applications
1. Programmable controllers




Similar Part No. - PC3H2B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
82Kb / 6P
   High Resistance to Noise, Half Pitch Photocoupler
More results


Similar Description - PC3H2B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H7J00000F SHARP-PC3H7J00000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com