Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG5307S Datasheet (PDF) - List of Unclassifed Manufacturers

PG5307S Datasheet PDF - List of Unclassifed Manufacturers
Part # PG5307S
Download  PG5307S Download

File Size   426.97 Kbytes
Page   33 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single Color ?5 Flush Mount Round Shape Type

PG5307S Datasheet (PDF)

Go To PDF Page Download Datasheet
PG5307S Datasheet PDF - List of Unclassifed Manufacturers

Part # PG5307S
Download  PG5307S Click to download

File Size   426.97 Kbytes
Page   33 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single Color ?5 Flush Mount Round Shape Type

PG5307S Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button PG5307S Datasheet HTML 1Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 2Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 3Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 4Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 5Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 6Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 7Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 8Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 9Page - List of Unclassifed Manufacturers PG5307S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

PG5307S Product details

[SANLEY]

Features
Product features
• Outer Dimension φ 5 Round shape type
• Operation temperature range.
    Storage Temperature :-30℃~ 100℃
    Operating Temperature :-30℃~ 85℃
• No lead package and lead–free soldering compatible
• RoHS compliant




Similar Part No. - PG5307S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PG5307S STANLEY-PG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
More results


Similar Description - PG5307S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
logo
List of Unclassifed Man...
AY5362X ETC1-AY5362X Datasheet
390Kb / 33P
   Single Color phi 5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com