Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5DS64M4AT-75B Datasheet (PDF) - List of Unclassifed Manufacturers

NT5DS64M4AT-75B Datasheet PDF - List of Unclassifed Manufacturers
Part # NT5DS64M4AT-75B
Download  NT5DS64M4AT-75B Download

File Size   1557.12 Kbytes
Page   78 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 256Mb Double Data Rate SDRAM

NT5DS64M4AT-75B Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5DS64M4AT-75B Datasheet PDF - List of Unclassifed Manufacturers

Part # NT5DS64M4AT-75B
Download  NT5DS64M4AT-75B Click to download

File Size   1557.12 Kbytes
Page   78 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 256Mb Double Data Rate SDRAM

NT5DS64M4AT-75B Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT-75B Datasheet HTML 1Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 2Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 3Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 4Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5DS64M4AT-75B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

NT5DS64M4AT-75B Product details

[Nanya]

Description
The 256Mb DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing 268,435,456 bits. It is internally configured as a quad-bank DRAM.

Features

• Double data rate architecture: two data transfers per clock cycle
• Bidirectional data strobe (DQS) is transmitted and received with data, to be used in capturing data at the receiver
• DQS is edge-aligned with data for reads and is centeraligned with data for writes
• Differential clock inputs (CK and CK)
• Four internal banks for concurrent operation
• Data mask (DM) for write data
• DLL aligns DQ and DQS transitions with CK transitions
• Commands entered on each positive CK edge; data and data mask referenced to both edges of DQS
• Burst lengths: 2, 4, or 8
• CAS Latency: 2, 2.5
• Auto Precharge option for each burst access
• Auto Refresh and Self Refresh Modes
• 7.8ms Maximum Average Periodic Refresh Interval
• 2.5V (SSTL_2 compatible) I/O
• VDDQ = 2.5V ± 0.2V
• VDD = 2.5V ± 0.2V
• -7K parts support PC2100 modules.
    -75B parts support PC2100 modules
    -8B parts support PC1600 modules




Similar Part No. - NT5DS64M4AT-75B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5DS64M4AT-6 ETC-NT5DS64M4AT-6 Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS64M4AT-66 ETC-NT5DS64M4AT-66 Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
More results


Similar Description - NT5DS64M4AT-75B

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTB EOREX-EM42AM1684RTB Datasheet
238Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com