Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA320A-I/MS Datasheet (PDF) - Microchip Technology

25AA320A-I/MS Datasheet PDF - Microchip Technology
Part # 25AA320A-I/MS
Download  25AA320A-I/MS Download

File Size   425.33 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K SPI Bus Serial EEPROM

25AA320A-I/MS Datasheet (PDF)

Go To PDF Page Download Datasheet
25AA320A-I/MS Datasheet PDF - Microchip Technology

Part # 25AA320A-I/MS
Download  25AA320A-I/MS Click to download

File Size   425.33 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K SPI Bus Serial EEPROM

25AA320A-I/MS Datasheet (HTML) - Microchip Technology

Back Button 25AA320A-I/MS Datasheet HTML 1Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 2Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 3Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 4Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 5Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 6Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 7Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 8Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 9Page - Microchip Technology 25AA320A-I/MS Datasheet HTML 10Page - Microchip Technology Next Button 

25AA320A-I/MS Product details

Description:
The Microchip Technology Inc. 25AA320A/25LC320A (25XX320A*) are 32 kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features:
• Max. Clock 10 MHz
• Low-Power CMOS Technology
   - Max. Write Current: 5 mA at 5.5V, 10 MHz
   - Read Current: 5 mA at 5.5V, 10 MHz
   - Standby Current: 5 μA at 5.5V
• 4096 x 8-bit Organization
• 32-Byte Page
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection
   - Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection
   - Power-on/off data protection circuitry
   - Write enable latch
   - Write-protect pin
• Sequential Read
• High Reliability
   - Endurance: >1M erase/write cycles
   - Data retention: > 200 years
   - ESD protection: > 4000V
• Temperature Ranges Supported;
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C
• Pb-Free and RoHS Compliant




Similar Part No. - 25AA320A-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA320A-I/MS MICROCHIP-25AA320A-I/MS Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320A-I/MS MICROCHIP-25AA320A-I/MS Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
More results


Similar Description - 25AA320A-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
   32K SPI Bus Serial EEPROM
2004
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
   32K SPI Bus Serial EEPROM
07/12/04
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
25C320 MICROCHIP-25C320 Datasheet
86Kb / 12P
   32K 5.0V SPI Bus Serial EEPROM
2004
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com