Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R02 Datasheet (PDF) - Holtek Semiconductor Inc

HT48R02 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R02
Download  HT48R02 Download

File Size   313.41 Kbytes
Page   38 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 10-Pin MSOP I/O Type 8-Bit OTP MCU

HT48R02 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R02 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R02
Download  HT48R02 Click to download

File Size   313.41 Kbytes
Page   38 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 10-Pin MSOP I/O Type 8-Bit OTP MCU

HT48R02 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT48R02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT48R02 Product details

General Description

The HT48R01/HT48R02/HT48R03 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for I/O control. The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, Power-down and wake-up functions, Watchdog Timer, buzzer driver, as well as low cost, enhance the versatility of these devices to suit a wide range of application possibilities such as industrial control, consumer products, subsystem controllers, etc.



Features

Operating voltage:

   fSYS=4MHz: 2.2V~5.5V

   fSYS=8MHz: 3.3V~5.5V

   fSYS=12MHz: 4.5V~5.5V

7 bidirectional I/O lines and 1 input

Interrupt input shared with I/O line

4 oscillator configuration options

   -External crystal OSC

   -External RC OSC

   -Internal RC+I/O (PA5, PA6)

   -Internal RC+RTC OSC (32768Hz)

Internal RC oscillator

   -3 frequency selections: 4MHz/8MHz/12MHz

   -4MHz with 10% variation (2.2V~5.5V, 25C)

   -8MHz with 10% variation (3.3V~5.5V, 25C)

   -12MHz with 10% variation (4.5V~5.5V, 25C)

Watchdog Timer

Program memory ROM: Up to 409615

Data memory RAM: Up to 1608

Buzzer driving pair and PFD supported

Power-down and wake-up functions reduce power consumption

Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V

All instructions executed within one or two machine cycles

14-bit or 15-bit table read instruction

Up to 8-levels of subroutine nesting

Bit manipulation instruction

Low voltage reset function

10-pin MSOP package




Similar Part No. - HT48R02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R02B HOLTEK-HT48R02B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R02B HOLTEK-HT48R02B Datasheet
427Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R02C HOLTEK-HT48R02C Datasheet
534Kb / 14P
   Small Form 8-Bit OTP MCU
Rev. 0.00 August 31, 2009
HT48R02M HOLTEK-HT48R02M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT48R02M HOLTEK-HT48R02M Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Similar Description - HT48R02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01 HOLTEK-HT46R01 Datasheet
487Kb / 60P
   10-Pin MSOP A/D Type 8-Bit OTP MCU
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com