Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS-2C-0.5-2K2-16ZS-3-K Datasheet (PDF) - Sharma Electro Components,Inc

WS-2C-0.5-2K2-16ZS-3-K Datasheet PDF - Sharma Electro Components,Inc
Part # WS-2C-0.5-2K2-16ZS-3-K
Download  WS-2C-0.5-2K2-16ZS-3-K Download

File Size   787.2 Kbytes
Page   1 Pages
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc
Description WS Series Hot-Molded Carbon Composition Potentiometer

WS-2C-0.5-2K2-16ZS-3-K Datasheet (PDF)

Go To PDF Page Download Datasheet
WS-2C-0.5-2K2-16ZS-3-K Datasheet PDF - Sharma Electro Components,Inc

Part # WS-2C-0.5-2K2-16ZS-3-K
Download  WS-2C-0.5-2K2-16ZS-3-K Click to download

File Size   787.2 Kbytes
Page   1 Pages
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc
Description WS Series Hot-Molded Carbon Composition Potentiometer

WS-2C-0.5-2K2-16ZS-3-K Datasheet (HTML) - Sharma Electro Components,Inc

WS-2C-0.5-2K2-16ZS-3-K Datasheet HTML 1Page - Sharma Electro Components,Inc

WS-2C-0.5-2K2-16ZS-3-K Product details

Features
■ Carbon composition/Industrial/Sealed
■ Locking-Bushing/Standard-Bushing
■ Meet MIL-R-94




Similar Part No. - WS-2C-0.5-2K2-16ZS-3-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
   Maintain with a minimum of spare parts and tools
logo
TE Connectivity Ltd
WS-25-001 TEC-WS-25-001 Datasheet
135Kb / 1P
   WIRE SEAL, 25mm SEAL RANGE - 8.17mm-9.66mm 8mm CONTACT
More results


Similar Description - WS-2C-0.5-2K2-16ZS-3-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
   Hot moulded carbon composition
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com