Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF1642C Datasheet (PDF) - Silicon Storage Technology, Inc

SST32HF1642C Datasheet PDF - Silicon Storage Technology, Inc
Part # SST32HF1642C
Download  SST32HF1642C Download

File Size   432.1 Kbytes
Page   36 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description Multi-Purpose Flash Plus SRAM ComboMemory

SST32HF1642C Datasheet (PDF)

Go To PDF Page Download Datasheet
SST32HF1642C Datasheet PDF - Silicon Storage Technology, Inc

Part # SST32HF1642C
Download  SST32HF1642C Click to download

File Size   432.1 Kbytes
Page   36 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description Multi-Purpose Flash Plus SRAM ComboMemory

SST32HF1642C Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST32HF1642C Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST32HF1642C Product details

PRODUCT DESCRIPTION
The SST32HFx2/x2C ComboMemory devices integrate a CMOS flash memory bank with a CMOS SRAM memory bank in a Multi-Chip Package (MCP), manufactured with SST’s proprietary, high performance SuperFlash technology. The SST32HF16x2/32x2 devices use a PseudoSRAM. The SST32HF16x2C/3242C devices use standard SRAM.

FEATURES:
• ComboMemories organized as:
    – SST32HF1622C: 1M x16 Flash + 128K x16 SRAM
    – SST32HF1642x: 1M x16 Flash + 256K x16 SRAM
    – SST32HF1682: 1M x16 Flash + 512K x16 SRAM
    – SST32HF3242x: 2M x16 Flash + 256K x16 SRAM
    – SST32HF3282: 2M x16 Flash + 512K x16 SRAM
• Single 2.7-3.3V Read and Write Operations
• Concurrent Operation
    – Read from or Write to SRAM while Erase/Program Flash
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption:
    – Active Current: 15 mA (typical) for Flash or SRAM Read
    – Standby Current:
        - SST32HFx2: 60 µA (typical)
        - SST32HFx2C: 12 µA (typical)
• Flexible Erase Capability
    – Uniform 2 KWord sectors
    – Uniform 32 KWord size blocks
• Erase-Suspend/Erase-Resume Capabilities
• Security-ID Feature
    – SST: 128 bits; User: 128 bits
• Hardware Block-Protection/WP# Input Pin
    – Top Block-Protection (top 32 KWord)
• Fast Read Access Times:
    – Flash: 70 ns
    – SRAM: 70 ns
• Latched Address and Data for Flash
• Flash Fast Erase and Word-Program:
    – Sector-Erase Time: 18 ms (typical)
    – Block-Erase Time: 18 ms (typical)
    – Chip-Erase Time: 40 ms (typical)
    – Word-Program Time: 7 µs (typical)
• Flash Automatic Erase and Program Timing
    – Internal VPP Generation
• Flash End-of-Write Detection
    – Toggle Bit
    – Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard Command Set
• Package Available
    – 63-ball LFBGA (8mm x 10mm x 1.4mm)
    – 62-ball LFBGA (8mm x 10mm x 1.4mm)
• All non-Pb (lead-free) devices are RoHS compliant



Similar Part No. - SST32HF1642C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF164 SST-SST32HF164 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4C-EK SST-SST32HF164-70-4C-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4C-TBK SST-SST32HF164-70-4C-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4E-EK SST-SST32HF164-70-4E-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4E-TBK SST-SST32HF164-70-4E-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results


Similar Description - SST32HF1642C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com