Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5942BRLG Datasheet (PDF) - ON Semiconductor

1N5942BRLG Datasheet PDF - ON Semiconductor
Part # 1N5942BRLG
Download  1N5942BRLG Download

File Size   70.14 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 W DO??1 Surmetic TM 30 Zener Voltage Regulators

1N5942BRLG Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5942BRLG Datasheet PDF - ON Semiconductor

Part # 1N5942BRLG
Download  1N5942BRLG Click to download

File Size   70.14 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 W DO??1 Surmetic TM 30 Zener Voltage Regulators

1N5942BRLG Datasheet (HTML) - ON Semiconductor

1N5942BRLG Datasheet HTML 1Page - ON Semiconductor 1N5942BRLG Datasheet HTML 2Page - ON Semiconductor 1N5942BRLG Datasheet HTML 3Page - ON Semiconductor 1N5942BRLG Datasheet HTML 4Page - ON Semiconductor 1N5942BRLG Datasheet HTML 5Page - ON Semiconductor 1N5942BRLG Datasheet HTML 6Page - ON Semiconductor 1N5942BRLG Datasheet HTML 7Page - ON Semiconductor 1N5942BRLG Datasheet HTML 8Page - ON Semiconductor

1N5942BRLG Product details

This is a complete series of 3 W Zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial−lead,

transfer−molded plastic package that offers protection in all common environmental conditions.



Features

•Zener Voltage Range − 3.3 V to 200 V

•ESD Rating of Class 3 (>16 KV) per Human Body Model

•Surge Rating of 98 W @ 1 ms

•Maximum Limits Guaranteed on up to Six Electrical Parameters

•Package No Larger than the Conventional 1 W Package

•Pb−Free Packages are Available




Similar Part No. - 1N5942BRLG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5942B PANJIT-1N5942B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
EIC discrete Semiconduc...
1N5942B EIC-1N5942B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Transys Electronics
1N5942B TRSYS-1N5942B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N5942B PANJIT-1N5942B Datasheet
56Kb / 4P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N5942B JGD-1N5942B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results


Similar Description - 1N5942BRLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com