Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5565AZQ80R2 Datasheet (PDF) - Freescale Semiconductor, Inc

PPC5565AZQ80R2 Datasheet PDF - Freescale Semiconductor, Inc
Part # PPC5565AZQ80R2
Download  PPC5565AZQ80R2 Download

File Size   1218.06 Kbytes
Page   48 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller

PPC5565AZQ80R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PPC5565AZQ80R2 Datasheet PDF - Freescale Semiconductor, Inc

Part # PPC5565AZQ80R2
Download  PPC5565AZQ80R2 Click to download

File Size   1218.06 Kbytes
Page   48 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller

PPC5565AZQ80R2 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button PPC5565AZQ80R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5565AZQ80R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

PPC5565AZQ80R2 Product details

Overview
The MPC5565 microcontroller (MCU) is a member of the MPC5500 family of microcontrollers built on the Power Architecture™ embedded technology. This family of parts has many new features coupled with high performance CMOS technology to provide substantial reduction of cost per feature and significant performance improvement over the MPC500 family.
   
The host processor core of this device complies with the Power Architecture embedded category that is 100% user-mode compatible (including floating point library) with the original Power PC™ user instruction set architecture (UISA). The embedded architecture enhancements improve the performance in embedded applications. The core also has additional instructions, including digital signal processing (DSP) instructions, beyond the original Power PC instruction set.
   




Similar Part No. - PPC5565AZQ80R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5565MVZ112 FREESCALE-PPC5565MVZ112 Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ112R FREESCALE-PPC5565MVZ112R Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ132 FREESCALE-PPC5565MVZ132 Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ132R FREESCALE-PPC5565MVZ132R Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ80 FREESCALE-PPC5565MVZ80 Datasheet
1,002Kb / 54P
   Microcontroller
More results


Similar Description - PPC5565AZQ80R2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com