Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3181TV Datasheet (PDF) - Fairchild Semiconductor

FOD3181TV Datasheet PDF - Fairchild Semiconductor
Part # FOD3181TV
Download  FOD3181TV Download

File Size   745.08 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler

FOD3181TV Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD3181TV Datasheet PDF - Fairchild Semiconductor

Part # FOD3181TV
Download  FOD3181TV Click to download

File Size   745.08 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler

FOD3181TV Datasheet (HTML) - Fairchild Semiconductor

Back Button FOD3181TV Datasheet HTML 1Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 2Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 3Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 4Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 9Page - Fairchild Semiconductor FOD3181TV Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD3181TV Product details

Description
The FOD3181 is a 0.5A Output Current, High Speed MOSFET Gate Drive Optocoupler. It consists of a gallium aluminum arsenide (AlGaAs) light emitting diode optically coupled to a CMOS integrated circuit with a power stage. The power stage consists of a PMOS pullup and a NMOS pull-down power transistor. It is ideally suited for high frequency driving of MOSFETs used in Plasma Display Panels (PDPs), motor control invertor applications, and high performance DC/DC converters.

Features
■ Guaranteed operating temperature range of -20°C to +85°C
■ 0.5A minimum peak output current
■ High speed response: 500ns max propagation delay over temperature range
■ Wide VCC operating range: 10V to 20V
■ 5000Vrms, 1 minute isolation
■ Minimum creepage distance of 7.0mm
■ Minimum clearance distance of 7.0mm
■ C-UL, UL and VDE* approved
■ 10kV/µs minimum common mode rejection (CMR) at VCM = 1,500V
■ RDS(ON) of 1.5Ω (typ.) offers lower power dissipation

Applications
■ Plasma Display Panel
■ High performance DC/DC convertor
■ High performance switch mode power supply
■ High performance uninterruptible power supply
■ Isolated Power MOSFET gate drive




Similar Part No. - FOD3181TV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181TV FAIRCHILD-FOD3181TV Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results


Similar Description - FOD3181TV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com