Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2524NA Datasheet (PDF) - Zarlink Semiconductor Inc

SL2524NA Datasheet PDF - Zarlink Semiconductor Inc
Part # SL2524NA
Download  SL2524NA Download

File Size   299.18 Kbytes
Page   16 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 1.3GHz Dual Wideband Logarithmic Amplifier

SL2524NA Datasheet (PDF)

Go To PDF Page Download Datasheet
SL2524NA Datasheet PDF - Zarlink Semiconductor Inc

Part # SL2524NA
Download  SL2524NA Click to download

File Size   299.18 Kbytes
Page   16 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 1.3GHz Dual Wideband Logarithmic Amplifier

SL2524NA Datasheet (HTML) - Zarlink Semiconductor Inc

Back Button SL2524NA Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button 

SL2524NA Product details

1.3GHz Dual Wideband Logarithmic Amplifier

The SL2524 is a pin compatible replacement for the SL2521 and SL2522 series of log amplifiers, and exhibits a superior stability performance. The amplifier is a successive detection type which provides linear gain and accurate logarithmic signal compression over a wide bandwidth. The two stages can be operated independently.
When six stages (three SL2524s) are cascaded the strip can be used for IFs between 30-650MHz whilst achieving greater than 65dB dynamic range with a log accuracy of <±1.0dB. The balanced limited output also offers accurate phase information with input amplitude.

FEATURES
■ 1.3GHz Bandwidth (-3dB)
■ Balanced IF limiting
■ 3ns Rise Times/5ns Fall Times (six stages)
■ 20ns Pulse Handling (six stages)
■ Temperature Stabilised
■ Surface Mountable

APPLICATIONS
■ Ultra Wideband Log Receivers
■ Channelised Receivers
■ Monopulse Applications




Similar Part No. - SL2524NA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL2524NA MITEL-SL2524NA Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
More results


Similar Description - SL2524NA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com