Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3DF Datasheet (PDF) - TOKO, Inc

3DF Datasheet PDF - TOKO, Inc
Part # 3DF
Download  3DF Download

File Size   89.27 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Fixed Inductors for Surface Mounting

3DF Datasheet (PDF)

Go To PDF Page Download Datasheet
3DF Datasheet PDF - TOKO, Inc

Part # 3DF
Download  3DF Click to download

File Size   89.27 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Fixed Inductors for Surface Mounting

3DF Datasheet (HTML) - TOKO, Inc

3DF Datasheet HTML 1Page - TOKO, Inc

3DF Product details

Inductance Range: 1.0~270µH



FEATURES

• Low profile (4.4mm Max. square, 3.1mm Max. height).

• RoHS compliant.



 




Similar Part No. - 3DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3DF0D10 VISHAY-3DF0D10 Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
3DF0D12 VISHAY-3DF0D12 Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
3DF0D15 VISHAY-3DF0D15 Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
3DF0D18 VISHAY-3DF0D18 Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
3DF0D22 VISHAY-3DF0D22 Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
More results


Similar Description - 3DF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com