Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1119-33-AB3-I-T Datasheet (PDF) - Unisonic Technologies

L1119-33-AB3-I-T Datasheet PDF - Unisonic Technologies
Part # L1119-33-AB3-I-T
Download  L1119-33-AB3-I-T Download

File Size   165.89 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A LOW DROPOUT REGULATORS

L1119-33-AB3-I-T Datasheet (PDF)

Go To PDF Page Download Datasheet
L1119-33-AB3-I-T Datasheet PDF - Unisonic Technologies

Part # L1119-33-AB3-I-T
Download  L1119-33-AB3-I-T Click to download

File Size   165.89 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A LOW DROPOUT REGULATORS

L1119-33-AB3-I-T Datasheet (HTML) - Unisonic Technologies

L1119-33-AB3-I-T Datasheet HTML 1Page - Unisonic Technologies L1119-33-AB3-I-T Datasheet HTML 2Page - Unisonic Technologies L1119-33-AB3-I-T Datasheet HTML 3Page - Unisonic Technologies L1119-33-AB3-I-T Datasheet HTML 4Page - Unisonic Technologies L1119-33-AB3-I-T Datasheet HTML 5Page - Unisonic Technologies L1119-33-AB3-I-T Datasheet HTML 6Page - Unisonic Technologies L1119-33-AB3-I-T Datasheet HTML 7Page - Unisonic Technologies

L1119-33-AB3-I-T Product details

DESCRIPTION

The UTC L1119is a fast ultra low-dropout linear regulator that developed in CMOS process which allows low quiescent current operation independent of output load current. This CMOS process

also allows the device to operate under extremely low dropout conditions. The UTC L1119allows to operate from a 2.5V~7.0V input supply. Wide range of preset output voltage options are available and respond very fast to step changes in load which makes them suitable for low voltage microprocessor applications. 





FEATURES

* Low Ground Current

* Load Regulation of 0.04%

* Output Current of 1.5A DC is Guaranteed

* Accurate Output Voltage.(± 1.5%)

* Extremely Low Output Capacitor Requirements

* Over Temperature/ Over Current Protection



Similar Part No. - L1119-33-AB3-I-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119G-XX-AA3-A-R UTC-L1119G-XX-AA3-A-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119G-XX-AA3-C-R UTC-L1119G-XX-AA3-C-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
L1119G-XX-AB3-A-R UTC-L1119G-XX-AB3-A-R Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
More results


Similar Description - L1119-33-AB3-I-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com