Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2688-N-T60-B-K Datasheet (PDF) - Unisonic Technologies

2SC2688-N-T60-B-K Datasheet PDF - Unisonic Technologies
Part # 2SC2688-N-T60-B-K
Download  2SC2688-N-T60-B-K Download

File Size   192.92 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON TRANSISTOR

2SC2688-N-T60-B-K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2688-N-T60-B-K Datasheet PDF - Unisonic Technologies

Part # 2SC2688-N-T60-B-K
Download  2SC2688-N-T60-B-K Click to download

File Size   192.92 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON TRANSISTOR

2SC2688-N-T60-B-K Datasheet (HTML) - Unisonic Technologies

2SC2688-N-T60-B-K Datasheet HTML 1Page - Unisonic Technologies 2SC2688-N-T60-B-K Datasheet HTML 2Page - Unisonic Technologies 2SC2688-N-T60-B-K Datasheet HTML 3Page - Unisonic Technologies 2SC2688-N-T60-B-K Datasheet HTML 4Page - Unisonic Technologies 2SC2688-N-T60-B-K Datasheet HTML 5Page - Unisonic Technologies

2SC2688-N-T60-B-K Product details

DESCRIPTION
The UTC 2SC2688 is designed for use in Color TV chroma output circuits.

FEATURES
* High Electrostatic-Discharge-Resistance.
   ESDR: 1000V TYP. (E-B reverse bias, C=2300pF)
* Low Cre, High fT
   Cre ≤3.0 pF (VCB=30V)
   fT ≥50MHz (VCE=30V, IE=-10mA)



Similar Part No. - 2SC2688-N-T60-B-K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC2688-K SECOS-2SC2688-K Datasheet
311Kb / 2P
   0.2A, 300V NPN Plastic Encapsulated Transistor
2SC2688-L SECOS-2SC2688-L Datasheet
311Kb / 2P
   0.2A, 300V NPN Plastic Encapsulated Transistor
logo
Nanjing International G...
2SC2688-TU DGNJDZ-2SC2688-TU Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
More results


Similar Description - 2SC2688-N-T60-B-K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com