Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3906K Datasheet (PDF) - Rohm

2SC3906K Datasheet PDF - Rohm
Part # 2SC3906K
Download  2SC3906K Download

File Size   75.1 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-voltage Amplifier Transistor (120V, 50mA)

2SC3906K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3906K Datasheet PDF - Rohm

Part # 2SC3906K
Download  2SC3906K Click to download

File Size   75.1 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-voltage Amplifier Transistor (120V, 50mA)

2SC3906K Datasheet (HTML) - Rohm

2SC3906K Datasheet HTML 1Page - Rohm 2SC3906K Datasheet HTML 2Page - Rohm 2SC3906K Datasheet HTML 3Page - Rohm


Similar Part No. - 2SC3906K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3906K ROHM-2SC3906K Datasheet
59Kb / 1P
   High-voltage Amplifier Transistor(120V, 50mA)
logo
Guangdong Kexin Industr...
2SC3906K KEXIN-2SC3906K Datasheet
36Kb / 1P
   High-voltage Amplifier Transistor
logo
Rohm
2SC3906K ROHM-2SC3906K Datasheet
358Kb / 8P
   NPN 50mA 120V High Voltage Amplifier transistors
2SC3906K ROHM-2SC3906K Datasheet
132Kb / 3P
   High-voltage Amplifier Transistor
logo
Guangdong Kexin Industr...
2SC3906K-R KEXIN-2SC3906K-R Datasheet
1Mb / 4P
   NPN Transistors
More results


Similar Description - 2SC3906K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
   High-voltage Amplifier Transistor(120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
   High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (-120V,-50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
   High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (120V, 50mA)
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
   High-voltage Amplifier Transistor (120V, 50mA)
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
   NPN 50mA 120V High Voltage Amplifier transistors
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
   PNP -50mA -120V High-Voltage Amplifier Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com