Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8718 Datasheet (PDF) - Zarlink Semiconductor Inc

SP8718 Datasheet PDF - Zarlink Semiconductor Inc
Part # SP8718
Download  SP8718 Download

File Size   265.43 Kbytes
Page   6 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 520MHz LOW CURRENT TWO-MODULUS DIVIDERS

SP8718 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8718 Datasheet PDF - Zarlink Semiconductor Inc

Part # SP8718
Download  SP8718 Click to download

File Size   265.43 Kbytes
Page   6 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 520MHz LOW CURRENT TWO-MODULUS DIVIDERS

SP8718 Datasheet (HTML) - Zarlink Semiconductor Inc

SP8718 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8718 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8718 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8718 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8718 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8718 Datasheet HTML 6Page - Zarlink Semiconductor Inc

SP8718 Product details

520MHz LOW CURRENT TWO-MODULUS DIVIDERS

SP8716 ÷ 40/41, SP8718 ÷ 64/65, SP8719 ÷ 80/81 are 50mW programmable dividers with a maximum specified operating frequency of 520MHz over the temperature range -40 °C to + 85 °C.
The signal (clock) inputs are biased internally and require to be capacitor coupled. The output stage is of an unusual low power design featuring dynamic pull-up, and optimised for driving CMOS. The 0 to 1 output edge should be used to give the best loop delay performance.

FEATURES
■ DC to 520MHz Operation
■ -40°C to +85°C Temperature Range
■ Control Inputs and Outputs are CMOS Compatible




Similar Part No. - SP8718

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8718 ETC-SP8718 Datasheet
73Kb / 4P
   520MHz LOW CURRENT TWO-MODULUS DIVIDERS
More results


Similar Description - SP8718

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8718 ETC-SP8718 Datasheet
73Kb / 4P
   520MHz LOW CURRENT TWO-MODULUS DIVIDERS
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
logo
Fujitsu Component Limit...
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
MB508 FUJITSU-MB508 Datasheet
93Kb / 8P
   2.3GHz TWO MODULUS PRESCALER
MB510 FUJITSU-MB510 Datasheet
74Kb / 6P
   2.7GHz TWO MODULUS PRESCALER
MB507 FUJITSU-MB507 Datasheet
90Kb / 8P
   1.6GHz TWO MODULUS PRESCALER
logo
OKI electronic componet...
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
   1.7 GHz Two-Modulus Prescaler
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
   2.0 GHz Two-Modulus Prescaler
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com