Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA575DTBR2 Datasheet (PDF) - ON Semiconductor

SA575DTBR2 Datasheet PDF - ON Semiconductor
Part # SA575DTBR2
Download  SA575DTBR2 Download

File Size   126.81 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Compandor

SA575DTBR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA575DTBR2 Datasheet PDF - ON Semiconductor

Part # SA575DTBR2
Download  SA575DTBR2 Click to download

File Size   126.81 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Compandor

SA575DTBR2 Datasheet (HTML) - ON Semiconductor

Back Button SA575DTBR2 Datasheet HTML 1Page - ON Semiconductor SA575DTBR2 Datasheet HTML 2Page - ON Semiconductor SA575DTBR2 Datasheet HTML 3Page - ON Semiconductor SA575DTBR2 Datasheet HTML 4Page - ON Semiconductor SA575DTBR2 Datasheet HTML 5Page - ON Semiconductor SA575DTBR2 Datasheet HTML 6Page - ON Semiconductor SA575DTBR2 Datasheet HTML 7Page - ON Semiconductor SA575DTBR2 Datasheet HTML 8Page - ON Semiconductor SA575DTBR2 Datasheet HTML 9Page - ON Semiconductor SA575DTBR2 Datasheet HTML 10Page - ON Semiconductor Next Button 

SA575DTBR2 Product details

The SA575 is a precision dual gain control circuit designed for low voltage applications. The SA575’s channel 1 is an expandor, while channel 2 can be configured either for expandor, compressor, or automatic level controller (ALC) application.



Features

•Operating Voltage Range from 3.0 V to 7.0 V

•Reference Voltage of 100 mVRMS= 0 dB

•One Dedicated Summing Op Amp Per Channel and Two Extra Uncommitted Op Amps

•600 Drive Capability

•Single or Split Supply Operation

•Wide Input/Output Swing Capability

•Pb−Free Packages are Available



Applications

•Portable Communications

•Cellular Radio

•Cordless Telephone

•Consumer Audio

•Portable Broadcast Mixers

•Wireless Microphones

•Modems

•Electric Organs

•Hearing Aids




Similar Part No. - SA575DTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
More results


Similar Description - SA575DTBR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com