Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTR1P02LT3 Datasheet (PDF) - ON Semiconductor

NTR1P02LT3 Datasheet PDF - ON Semiconductor
Part # NTR1P02LT3
Download  NTR1P02LT3 Download

File Size   124.32 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package

NTR1P02LT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTR1P02LT3 Datasheet PDF - ON Semiconductor

Part # NTR1P02LT3
Download  NTR1P02LT3 Click to download

File Size   124.32 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package

NTR1P02LT3 Datasheet (HTML) - ON Semiconductor

NTR1P02LT3 Datasheet HTML 1Page - ON Semiconductor NTR1P02LT3 Datasheet HTML 2Page - ON Semiconductor NTR1P02LT3 Datasheet HTML 3Page - ON Semiconductor NTR1P02LT3 Datasheet HTML 4Page - ON Semiconductor NTR1P02LT3 Datasheet HTML 5Page - ON Semiconductor



Similar Part No. - NTR1P02LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02LT3 ONSEMI-NTR1P02LT3 Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
NTR1P02LT3G ONSEMI-NTR1P02LT3G Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
NTR1P02LT3G ONSEMI-NTR1P02LT3G Datasheet
95Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 14
logo
VBsemi Electronics Co.,...
NTR1P02LT3G VBSEMI-NTR1P02LT3G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results


Similar Description - NTR1P02LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR0202PL ONSEMI-NTR0202PL_06 Datasheet
141Kb / 5P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
March, 2006 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_V01 Datasheet
219Kb / 6P
   MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
   Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
logo
Foshan Blue Rocket Elec...
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
   P-CHANNEL MOSFET in a SOT-23 Plastic Package
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2321 FOSHAN-SI2321 Datasheet
1Mb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3407 FOSHAN-AO3407 Datasheet
968Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com