Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N989B Datasheet (PDF) - Fairchild Semiconductor

1N989B Datasheet PDF - Fairchild Semiconductor
Part # 1N989B
Download  1N989B Download

File Size   48.55 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Zeners General Purpose Diodes

1N989B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N989B Datasheet PDF - Fairchild Semiconductor

Part # 1N989B
Download  1N989B Click to download

File Size   48.55 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Zeners General Purpose Diodes

1N989B Datasheet (HTML) - Fairchild Semiconductor

1N989B Datasheet HTML 1Page - Fairchild Semiconductor 1N989B Datasheet HTML 2Page - Fairchild Semiconductor 1N989B Datasheet HTML 3Page - Fairchild Semiconductor 1N989B Datasheet HTML 4Page - Fairchild Semiconductor 1N989B Datasheet HTML 5Page - Fairchild Semiconductor

1N989B Product details

General Requirements:
1.0 Cathod Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name -
   For 1Nxx series: 3rd to 5th characters of the device name.
   For BZxx series: 4th to 6th characters of the device name.
4.0 Third Line: Device name -
   For 1Nxx series: 6th to 7th characters of the device name.
   For BZXyy series: Voltage rating
5.0 Fourth Line:
   XY or XYL - Two Digit - Six Weeks Date Code
   Where: X represents the last digit of the calendar year
   Y represents the Six weeks numeric code
   L represents the Large die identification
6.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
7.0 Maximum no. of marking lines: 4
8.0 Maximum no. of digits per line: 3
9.0 FSC logo must be 20 % taller than the alphanumeric marking
   and should occupy the 2 characters of the specified line.
10.0 Marking Font: Arial (Except FSC Logo)
11.0 First character of each marking line must be aligned vertically




Similar Part No. - 1N989B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N989B JGD-1N989B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Microsemi Corporation
1N989B MICROSEMI-1N989B Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N989B MICROSEMI-1N989B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
logo
Leshan Radio Company
1N989B LRC-1N989B Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
Microsemi Corporation
1N989B MICROSEMI-1N989B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Similar Description - 1N989B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5610 MICROSEMI-1N5610 Datasheet
83Kb / 2P
   POWER ZENERS TRANSIENT SUPPRESSOR DIODES
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com