Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SA05012NTFA Datasheet (PDF) - Delta Electronics, Inc.

S24SA05012NTFA Datasheet PDF - Delta Electronics, Inc.
Part # S24SA05012NTFA
Download  S24SA05012NTFA Download

File Size   850.3 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out

S24SA05012NTFA Datasheet (PDF)

Go To PDF Page Download Datasheet
S24SA05012NTFA Datasheet PDF - Delta Electronics, Inc.

Part # S24SA05012NTFA
Download  S24SA05012NTFA Click to download

File Size   850.3 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out

S24SA05012NTFA Datasheet (HTML) - Delta Electronics, Inc.

Back Button S24SA05012NTFA Datasheet HTML 1Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 2Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 3Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 4Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 5Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 6Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 7Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 8Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 9Page - Delta Electronics, Inc. S24SA05012NTFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button 

S24SA05012NTFA Product details

Delphi Series S24SA, 2”x1” Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out

The Delphi Series S24SA, surface mountable, 24V input, single output, isolated DC/DC converter is the latest offering from a world leader in power system and technology and manufacturing -- Delta Electronics, Inc. This product family provides up to 36 watts of power or up to 12A of output current (for output voltage 1.8V or below) in a low profile 2”x1” industry standard form factor and pinout. The S24SA operates from a wide input range of 18V to 36V, output ranges from 1.2V to 12V. For 1.2V at 12A full load, the efficiency is up to 85.5%. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. All models are protected from abnormal input/output voltage and current conditions, and feature 2250V input/output isolation and basic insulation.

FEATURES
♦ High efficiency: 85.5% @ 1.2V/ 12A
♦ Size: 47.2mm x 29.5mm x 8.5mm (1.86" x 1.16" x 0.33")
♦ Low profile: 0.33"
♦ Industry standard footprint and pin out
♦ Surface mountable
♦ Fixed frequency operation
♦ Input UVLO, Output OCP, OVP, OTP
♦ No minimum load required
♦ 2:1 input voltage range
♦ Basic insulation
♦ 2250 isolation
♦ ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility
♦ UL/cUL 60950 (US & Canada) recognized, and TUV (EN60950) certified

APPLICATIONS
♦ Telecom/DataCom
♦ Wireless Networks
♦ Optical Network Equipment
♦ Server and Data Storage
♦ Industrial/Test Equipment




Similar Part No. - S24SA05012NTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results


Similar Description - S24SA05012NTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
H24SN28012NRFA DELTA-H24SN28012NRFA Datasheet
547Kb / 13P
   Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com