Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3221IJS-1.7-T1 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3221IJS-1.7-T1 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3221IJS-1.7-T1
Download  AAT3221IJS-1.7-T1 Download

File Size   194.56 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA NanoPower??LDO Linear Regulator

AAT3221IJS-1.7-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3221IJS-1.7-T1 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3221IJS-1.7-T1
Download  AAT3221IJS-1.7-T1 Click to download

File Size   194.56 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 150mA NanoPower??LDO Linear Regulator

AAT3221IJS-1.7-T1 Datasheet (HTML) - Advanced Analog Technology, Inc.

Back Button AAT3221IJS-1.7-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button 

AAT3221IJS-1.7-T1 Product details

General Description
The AAT3221 and AAT3222 PowerLinear NanoPower low dropout (LDO) linear regulators are ideal for portable applications where extended battery life is critical. These devices feature extremely low quiescent current, typically 1.1µA. Dropout voltage is also very low, typically less than 200mV at the maximum output current of 150mA. The AAT3221/2 have an enable pin feature which, when asserted, will enter the LDO regulator into shutdown mode, removing power from its load and offering extended power conservation capabilities for portable battery-powered applications.

Features
• 1.1µA Quiescent Current
• Low Dropout: 200mV (typical)
• Guaranteed 150mA Output
• High Accuracy: ±2%
• Current Limit Protection
• Over-Temperature Protection
• Extremely Low Power Shutdown Mode
• Low Temperature Coefficient
• Factory-Programmed Output Voltages
    — 1.6V to 3.5V
• Stable Operation With Virtually Any Output Capacitor Type
• Active High or Low Enable Pin
• 4kV ESD
• 5-Pin SOT23 or 8-Pin SC70JW Package
• -40°C to +85°C Temperature Range

Applications
• Cellular Phones
• Digital Cameras
• Handheld Electronics
• Notebook Computers
• PDAs
• Portable Communication Devices
• Remote Controls




Similar Part No. - AAT3221IJS-1.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221IJS-1.7-T1 ANALOGICTECH-AAT3221IJS-1.7-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results


Similar Description - AAT3221IJS-1.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com