Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA1R210PTFB Datasheet (PDF) - Delta Electronics, Inc.

S48SA1R210PTFB Datasheet PDF - Delta Electronics, Inc.
Part # S48SA1R210PTFB
Download  S48SA1R210PTFB Download

File Size   921.99 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out

S48SA1R210PTFB Datasheet (PDF)

Go To PDF Page Download Datasheet
S48SA1R210PTFB Datasheet PDF - Delta Electronics, Inc.

Part # S48SA1R210PTFB
Download  S48SA1R210PTFB Click to download

File Size   921.99 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out

S48SA1R210PTFB Datasheet (HTML) - Delta Electronics, Inc.

Back Button S48SA1R210PTFB Datasheet HTML 1Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 2Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 3Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 4Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 5Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 6Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 7Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 8Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 9Page - Delta Electronics, Inc. S48SA1R210PTFB Datasheet HTML 10Page - Delta Electronics, Inc. Next Button 

S48SA1R210PTFB Product details

Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out

The Delphi Series S48SA, surface mountable, 48V input, single output, isolated DC/DC converters are the latest offering from a world leader in power system and technology and manufacturing – Delta Electronics, Inc. This product family provides up to 33 watts of power or up to 12A of output current (1.8V or below). With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. All models are protected from abnormal input/output voltage and current conditions.

FEATURES
♦ High efficiency: 84% @ 1.2V/ 12A
♦ Size: 47.2mm x 29.5mm x 8.35mm (1.86" x 1.16" x 0.33")
♦ Low profile: 0.33"
♦ Industry standard footprint and pin out
♦ Surface mountable
♦ Fixed frequency operation
♦ Input UVLO, Output OCP, OVP
♦ No minimum load required
♦ 2:1 input voltage range
♦ Basic insulation
♦ ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility
♦ UL/cUL 60950 (US & Canada) recognized, and TUV (EN60950) certified
♦ CE mark meets 73/23/EEC and 93/68/EEC directive

APPLICATIONS
♦ Telecom/DataCom
♦ Wireless Networks
♦ Optical Network Equipment
♦ Server and Data Storage
♦ Industrial/Test Equip




Similar Part No. - S48SA1R210PTFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results


Similar Description - S48SA1R210PTFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com