Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBL2040 Datasheet (PDF) - NXP Semiconductors

FBL2040 Datasheet PDF - NXP Semiconductors
Part # FBL2040
Download  FBL2040 Download

File Size   87.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL8-bit TTL to BTL transceiver

FBL2040 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBL2040 Datasheet PDF - NXP Semiconductors

Part # FBL2040
Download  FBL2040 Click to download

File Size   87.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL8-bit TTL to BTL transceiver

FBL2040 Datasheet (HTML) - NXP Semiconductors

Back Button FBL2040 Datasheet HTML 1Page - NXP Semiconductors FBL2040 Datasheet HTML 2Page - NXP Semiconductors FBL2040 Datasheet HTML 3Page - NXP Semiconductors FBL2040 Datasheet HTML 4Page - NXP Semiconductors FBL2040 Datasheet HTML 5Page - NXP Semiconductors FBL2040 Datasheet HTML 6Page - NXP Semiconductors FBL2040 Datasheet HTML 7Page - NXP Semiconductors FBL2040 Datasheet HTML 8Page - NXP Semiconductors FBL2040 Datasheet HTML 9Page - NXP Semiconductors FBL2040 Datasheet HTML 10Page - NXP Semiconductors Next Button 

FBL2040 Product details

DESCRIPTION
The FBL2040 is an 8-bit bidirectional BTL transceiver and is intended to provide the electrical interface to a high performance wired-OR bus. The FBL2040 is an inverting transceiver.

FEATURES
• 3.3V version of FB2040A with 70% power savings
• 8-bit BTL transceivers
• Separate I/O on TTL A-port
• Inverting
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω.
• High drive 100mA BTL open collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces power consumption
• Built-in precision band-gap reference provides accurate receiver thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Controlled output ramp and multiple GND pins minimize ground bounce
• Each BTL driver has a dedicated Bus GND for a signal return
• Glitch-free power up/power down operation
• Low ICC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flat Pack




Similar Part No. - FBL2040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FBL2041BB PHILIPS-FBL2041BB Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FBL2041I PHILIPS-FBL2041I Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FBL2041IBB PHILIPS-FBL2041IBB Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
More results


Similar Description - FBL2040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com