Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM1246 Datasheet (PDF) - NXP Semiconductors

FM1246 Datasheet PDF - NXP Semiconductors
Part # FM1246
Download  FM1246 Download

File Size   177.28 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Desktop video & FM radio module system CCIR I

FM1246 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM1246 Datasheet PDF - NXP Semiconductors

Part # FM1246
Download  FM1246 Click to download

File Size   177.28 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Desktop video & FM radio module system CCIR I

FM1246 Datasheet (HTML) - NXP Semiconductors

Back Button FM1246 Datasheet HTML 1Page - NXP Semiconductors FM1246 Datasheet HTML 2Page - NXP Semiconductors FM1246 Datasheet HTML 3Page - NXP Semiconductors FM1246 Datasheet HTML 4Page - NXP Semiconductors FM1246 Datasheet HTML 5Page - NXP Semiconductors FM1246 Datasheet HTML 6Page - NXP Semiconductors FM1246 Datasheet HTML 7Page - NXP Semiconductors FM1246 Datasheet HTML 8Page - NXP Semiconductors FM1246 Datasheet HTML 9Page - NXP Semiconductors FM1246 Datasheet HTML 10Page - NXP Semiconductors Next Button 

FM1246 Product details

DESCRIPTION

The FM1246 front-end is designed to receive both TV and FM stereo signals in the PC Multimedia environment. The units are available with separate 75Ωinputs for TV and FM broadcast reception. The input connectors available are either standard phono or IEC type (female for TV, male for FM radio). The tuning, bandswitching and antenna selection are made through the I2C-bus.



FEATURES

• System I and FM radio broadcast

• True 5 V device (low power dissipation)

• Full TV frequency range from channel A (45.75 MHz) to channel 69 (855.25 MHz)

• FM radio band coverage from 87.50 to 108.00 MHz

• PLL controlled tuning

• Programmable PLL step size (31.25, 50 or 62.5 kHz)

• True-synchronous vision IF demodulator (PLL)

• Ultra-linear FM PLL demodulator for FM radio broadcast

• Demodulated video output, AF sound output, second sound IF output

• I2C-bus control of tuning, address selection, AFC status information

• Complies with European regulations on radiation, signal handling and immunity“CENELEC 55020, 55013’’

• Small horizontally mounted metal housing.




Similar Part No. - FM1246

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM120 FORMOSA-FM120 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM120 FORMOSA-FM120 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
More results


Similar Description - FM1246

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FM1236 PHILIPS-FM1236 Datasheet
144Kb / 20P
   Desktop video & FM radio module system M, N
1997 Feb 03
FI1216MK2 PHILIPS-FI1216MK2 Datasheet
139Kb / 20P
   Desktop video tuner system CCIR B/G
1997 Mar 13
FI1216MF PHILIPS-FI1216MF Datasheet
148Kb / 24P
   Desktop video tuner multi system CCIR L/L??and B/G
1996 Jul 09
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
   FM-IF HIGH QUALITY RADIO SYSTEM
June 1988
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com