Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL2022DGG Datasheet (PDF) - NXP Semiconductors

GTL2022DGG Datasheet PDF - NXP Semiconductors
Part # GTL2022DGG
Download  GTL2022DGG Download

File Size   75.81 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 32-bit GTL terminator with octal enables

GTL2022DGG Datasheet (PDF)

Go To PDF Page Download Datasheet
GTL2022DGG Datasheet PDF - NXP Semiconductors

Part # GTL2022DGG
Download  GTL2022DGG Click to download

File Size   75.81 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 32-bit GTL terminator with octal enables

GTL2022DGG Datasheet (HTML) - NXP Semiconductors

GTL2022DGG Datasheet HTML 1Page - NXP Semiconductors GTL2022DGG Datasheet HTML 2Page - NXP Semiconductors GTL2022DGG Datasheet HTML 3Page - NXP Semiconductors GTL2022DGG Datasheet HTML 4Page - NXP Semiconductors GTL2022DGG Datasheet HTML 5Page - NXP Semiconductors GTL2022DGG Datasheet HTML 6Page - NXP Semiconductors

GTL2022DGG Product details

DESCRIPTION
The GTL202x series are 32-bit bus switches with GTL termination and octal output enables. The GTL202x is intended to provide GTL bus termination in multi-processor environments.
The enable pins allow the system control to disconnect the bus termination. When the bus switch is enabled, a 56, 75, 100 or 150 Ω series resistance is connected to the GTL Vbias.

FEATURES
• GTL2020 rON is 56 Ω typical connected to 1.5 V VBIAS
• GTL2021 rON is 75 Ω typical connected to 1.5 V VBIAS
• GTL2022 rON is 100 Ω typical connected to 1.5 V VBIAS
• GTL2023 rON is 150 Ω typical connected to 1.5 V VBIAS
• Low power: 50 µW
• Switching speed: 5 ns max.
• Channel on capacitance: 3 pF
• VCC operating range: +5 V ±10%
• Latch-up protection passes Class II JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
• Available in TSSOP56 package




Similar Part No. - GTL2022DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
GTL2000 PHILIPS-GTL2000 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2000 NXP-GTL2000 Datasheet
263Kb / 2P
   NXP bidirectional low-voltage translators
March 2007
GTL2000 NXP-GTL2000 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
GTL2000DGG PHILIPS-GTL2000DGG Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
More results


Similar Description - GTL2022DGG

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2034 NXP-GTL2034 Datasheet
90Kb / 13P
   4-bit GTL to GTL buffer
Rev. 01-11 November 2005
logo
Pericom Semiconductor C...
PI4GTL2034 PERICOM-PI4GTL2034 Datasheet
352Kb / 9P
   4-bit GTL to GTL transceiver
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com