Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPF-2086TK Datasheet (PDF) - SIRENZA MICRODEVICES

SPF-2086TK Datasheet PDF - SIRENZA MICRODEVICES
Part # SPF-2086TK
Download  SPF-2086TK Download

File Size   583.86 Kbytes
Page   5 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation

SPF-2086TK Datasheet (PDF)

Go To PDF Page Download Datasheet
SPF-2086TK Datasheet PDF - SIRENZA MICRODEVICES

Part # SPF-2086TK
Download  SPF-2086TK Click to download

File Size   583.86 Kbytes
Page   5 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation

SPF-2086TK Datasheet (HTML) - SIRENZA MICRODEVICES

SPF-2086TK Datasheet HTML 1Page - SIRENZA MICRODEVICES SPF-2086TK Datasheet HTML 2Page - SIRENZA MICRODEVICES SPF-2086TK Datasheet HTML 3Page - SIRENZA MICRODEVICES SPF-2086TK Datasheet HTML 4Page - SIRENZA MICRODEVICES SPF-2086TK Datasheet HTML 5Page - SIRENZA MICRODEVICES

SPF-2086TK Product details

Product Description
Sirenza Microdevices’ SPF-2086TK is a high performance 0.25µm pHEMT Gallium Arsenide FET with Schottky barrier gates. This 300µm device is ideally biased at 3V,20mA for lowest noise performance and battery powered requirements. At 5V,40mA the device delivers excellent output TOI of 32 dBm. It provides ideal performance as driver stages in many commercial, industrial and military LNA applications.

Product Features
• 22 dB Gmax at 1.9 GHz
• 0.4 dB FMIN at 1.9 GHz
• +32 dBm Output IP3
• +20 dBm Output Power at 1dB Compression

Applications
• LNA for Analog and Digital Wireless Systems
• 3G, Cellular, PCS
• Fixed Wireless, Pager Systems
• Driver Stage for low power applications




Similar Part No. - SPF-2086TK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPF-2086TK ETC1-SPF-2086TK Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET
More results


Similar Description - SPF-2086TK

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-2086T SIRENZA-SPF-2086T Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
SPF-2000 SIRENZA-SPF-2000 Datasheet
260Kb / 3P
   Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation
logo
List of Unclassifed Man...
SPF-2086TK ETC1-SPF-2086TK Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET
logo
SIRENZA MICRODEVICES
SPF-3043 SIRENZA-SPF-3043 Datasheet
153Kb / 4P
   Low Noise pHEMT GaAs FET
SPF-3143 SIRENZA-SPF-3143 Datasheet
422Kb / 3P
   Low Noise pHEMT GaAs FET
SPF-3143Z SIRENZA-SPF-3143Z Datasheet
116Kb / 3P
   Low Noise pHEMT GaAs FET
logo
Stanford Microdevices
SPF-3043 STANFORD-SPF-3043 Datasheet
171Kb / 3P
   Low Noise pHEMT GaAs FET
logo
Hittite Microwave Corpo...
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com