Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1117RS-ADJ Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1117RS-ADJ Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1117RS-ADJ
Download  LM1117RS-ADJ Download

File Size   175.12 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A L.D.O. VOLTAGE REGULATOR

LM1117RS-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1117RS-ADJ Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1117RS-ADJ
Download  LM1117RS-ADJ Click to download

File Size   175.12 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A L.D.O. VOLTAGE REGULATOR

LM1117RS-ADJ Datasheet (HTML) - HTC Korea TAEJIN Technology Co.

Back Button LM1117RS-ADJ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button 

LM1117RS-ADJ Product details

DESCRIPTION
The LM1117 is a low power positive-voltage regulator designed to meet 1A output current and comply with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-powered applications, as active terminators for the SCSI bus, and portable computers. The LM1117 features very low quiescent current and very low dropout voltage of 1V at a full loadand lower as output current decreases. LM1117 is available as an adjustable or fixed 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V output voltages.

FEATURES
● Output Current up to 1 A
● Low Dropout Voltage ( 1.2V at 1A Output Current )
● Three Terminal Adjustable(ADJ) or Fixed 1.2V,1.5V, 1.8V, 2.5V,2.85V, 3.3V, 5.0V
● Line Regulaion typically at 0.1% max
● Load Regulaion typically at 0.2% max
● Internal Current and Terminal Protection
● Maximum Input Voltage - 15V
● Surface Mount Package SOT-223, TO-252, SOT-89
● 100% Thermal Limit Burn-In




Similar Part No. - LM1117RS-ADJ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117RS-ADJ HTC-LM1117RS-ADJ Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results


Similar Description - LM1117RS-ADJ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com