Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP130-30YL-U Datasheet (PDF) - Diodes Incorporated

AP130-30YL-U Datasheet PDF - Diodes Incorporated
Part # AP130-30YL-U
Download  AP130-30YL-U Download

File Size   161.89 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA LOW DROPOUT (LDO) LINEAR REGULATOR

AP130-30YL-U Datasheet (PDF)

Go To PDF Page Download Datasheet
AP130-30YL-U Datasheet PDF - Diodes Incorporated

Part # AP130-30YL-U
Download  AP130-30YL-U Click to download

File Size   161.89 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA LOW DROPOUT (LDO) LINEAR REGULATOR

AP130-30YL-U Datasheet (HTML) - Diodes Incorporated

AP130-30YL-U Datasheet HTML 1Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 2Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 3Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 4Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 5Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 6Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 7Page - Diodes Incorporated AP130-30YL-U Datasheet HTML 8Page - Diodes Incorporated

AP130-30YL-U Product details

Description
The AP130 is a 300mA, fixed output voltage, low dropout linear regulator. The device includes pass element, error amplifier, band-gap, current-limit and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices.

Features
• Input Voltage Range: 2.7V to 5.5V
• Dropout Voltage 400mV at 300mA Output Current
• Guaranteed 300mA Output Current
• Internal RON = 1.5Ω PMOS Draws No Base Current
• Low Quiescent Current 50µA
• Output Voltage: 1.5V/1.8V/2.0V/2.5V/2.8V/3.0V/
• 3.3V/3.5; Accuracy 2%
• Fast Transient Response
• Good Load Regulation
• Current Limit and Thermal Shutdown Protection
• Short Circuit Current Fold-Back
• Lead Free Packages: SC59, SC59R, SOT89-3L, and
   SOT89R-3L
• SC59, SC59R, SOT23, SOT89-3L, and SOT89R-3L:
   Available in “Green” Molding Compound (No Br, Sb)
   (Note 9)
• Lead Free Finish/ RoHS Compliant (Note 1)

Applications
• Battery Powered Device
• CD-ROM, DVD, and LAN Card
• PC Peripheral
• Wireless Communication




Similar Part No. - AP130-30YL-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130-30Y ANACHIP-AP130-30Y Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-30Y DIODES-AP130-30Y Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Anachip Corp
AP130-30YR ANACHIP-AP130-30YR Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-30YR DIODES-AP130-30YR Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
More results


Similar Description - AP130-30YL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com