Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1704CWL-7 Datasheet (PDF) - Diodes Incorporated

AP1704CWL-7 Datasheet PDF - Diodes Incorporated
Part # AP1704CWL-7
Download  AP1704CWL-7 Download

File Size   516.08 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3-PIN MICROPROCESSOR RESET CIRCUITS

AP1704CWL-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1704CWL-7 Datasheet PDF - Diodes Incorporated

Part # AP1704CWL-7
Download  AP1704CWL-7 Click to download

File Size   516.08 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3-PIN MICROPROCESSOR RESET CIRCUITS

AP1704CWL-7 Datasheet (HTML) - Diodes Incorporated

AP1704CWL-7 Datasheet HTML 1Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 2Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 3Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 4Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 5Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 6Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 7Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 8Page - Diodes Incorporated AP1704CWL-7 Datasheet HTML 9Page - Diodes Incorporated

AP1704CWL-7 Product details

General Description
The AP1701/2/3/4 are used for microprocessor (µP) supervisory circuits to monitor the power supplies in µP and digital systems. They provide excellent circuit reliability and low cost by
eliminating external components and adjustments when used with +5V, +3.3V, +3.0V powered circuits.
These circuits perform a single function: they assert a reset signal whenever the VCCsupply voltage declines below a preset threshold, keeping it asserted for at least 240ms after VCChas
risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply voltages are available. The AP1701/2/3/4 have push pull outputs. The AP1701/3 have an
active low RESET output, while the AP1702/4 has an active high RESET output. The reset comparator is designed to ignore fast transients on VCC, and the outputs are guaranteed to be in
the correct logic state for VCCdown to 1V. Low supply current makes the AP1701/2/3/4 ideal for use in portable equipment. The AP1701/2/3/4 is available in a 3-pin SC59 package.

Features
•  Precision Monitoring of +2.5V, +3V, +3.3V, and +5V Power-Supply Voltages
•  Fully Specified Over Temperature
•  Available in three Output Configurations
•  Push-PullRESETLow Output (AP1701/3)
•  Push-Pull RESETHigh Output (AP1702/4)
•  200ms Min. Power-On Reset Pulse Width
•  20µA Supply Current (Typ.)
•  Guaranteed Reset Valid to VCC= +1V
•  Power Supply Transient Immunity
•  No External Components
•  Green Package: SC59-3L
•  Lead Free Finish / RoHS Compliant (Note1)  

Applications
•  Computers
•  Controllers
•  Intelligent Instruments
•  Critical µP and µC Power Monitoring
•  Portable/Battery Powered Equipment
•  Automotive




Similar Part No. - AP1704CWL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1704CWL ANACHIP-AP1704CWL Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Similar Description - AP1704CWL-7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com