Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTD114GK Datasheet (PDF) - Rohm

DTD114GK Datasheet PDF - Rohm
Part # DTD114GK
Download  DTD114GK Download

File Size   208.14 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500mA / 50V Digital transistors (with built-in resistors)

DTD114GK Datasheet (PDF)

Go To PDF Page Download Datasheet
DTD114GK Datasheet PDF - Rohm

Part # DTD114GK
Download  DTD114GK Click to download

File Size   208.14 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500mA / 50V Digital transistors (with built-in resistors)

DTD114GK Datasheet (HTML) - Rohm

DTD114GK Datasheet HTML 1Page - Rohm DTD114GK Datasheet HTML 2Page - Rohm DTD114GK Datasheet HTML 3Page - Rohm



Similar Part No. - DTD114GK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD114GK ROHM-DTD114GK Datasheet
60Kb / 3P
   Digital transistor (built-in resistor)
DTD114GK ROHM-DTD114GK Datasheet
336Kb / 6P
   NPN 500mA 50V Digital Transistors
DTD114GK ROHM-DTD114GK_12 Datasheet
336Kb / 6P
   NPN 500mA 50V Digital Transistors
More results


Similar Description - DTD114GK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD113ZK ROHM-DTD113ZK_1 Datasheet
76Kb / 4P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114EK ROHM-DTD114EK_1 Datasheet
165Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD122JK ROHM-DTD122JK_1 Datasheet
75Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD123EK ROHM-DTD123EK_09 Datasheet
142Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTB113EK ROHM-DTB113EK_09 Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113ZK ROHM-DTB113ZK_09 Datasheet
162Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTD113EK ROHM-DTD113EK_1 Datasheet
74Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114EK ROHM-DTD114EK_09 Datasheet
165Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD143EK ROHM-DTD143EK_1 Datasheet
73Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD123EK ROHM-DTD123EK_1 Datasheet
73Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com