Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3266W-1-201 Datasheet (PDF) - Bourns Electronic Solutions

3266W-1-201 Datasheet PDF - Bourns Electronic Solutions
Part # 3266W-1-201
Download  3266W-1-201 Download

File Size   156.4 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 1/4 Square Trimming Potentiometer

3266W-1-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
3266W-1-201 Datasheet PDF - Bourns Electronic Solutions

Part # 3266W-1-201
Download  3266W-1-201 Click to download

File Size   156.4 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 1/4 Square Trimming Potentiometer

3266W-1-201 Datasheet (HTML) - Bourns Electronic Solutions

3266W-1-201 Datasheet HTML 1Page - Bourns Electronic Solutions 3266W-1-201 Datasheet HTML 2Page - Bourns Electronic Solutions



Similar Part No. - 3266W-1-201

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266W-1-201 BOURNS-3266W-1-201 Datasheet
156Kb / 2P
   Square Trimming Potentiometer
3266W-1-201A BOURNS-3266W-1-201A Datasheet
156Kb / 2P
   Square Trimming Potentiometer
3266W-1-201ALF BOURNS-3266W-1-201ALF Datasheet
156Kb / 2P
   Square Trimming Potentiometer
3266W-1-201ALF BOURNS-3266W-1-201ALF Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
3266W-1-201LF BOURNS-3266W-1-201LF Datasheet
156Kb / 2P
   Square Trimming Potentiometer
More results


Similar Description - 3266W-1-201

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3362 BOURNS-3362_09 Datasheet
258Kb / 2P
   1/4 ??Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
3362W-1-204LF BOURNS-3362W-1-204LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3361 BOURNS-3361 Datasheet
176Kb / 2P
   1/4 Square SMD Trimming Potentiometer
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com