Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193FE Datasheet (PDF) - NXP Semiconductors

LM193FE Datasheet PDF - NXP Semiconductors
Part # LM193FE
Download  LM193FE Download

File Size   121.03 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power dual voltage comparator

LM193FE Datasheet (PDF)

Go To PDF Page Download Datasheet
LM193FE Datasheet PDF - NXP Semiconductors

Part # LM193FE
Download  LM193FE Click to download

File Size   121.03 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power dual voltage comparator

LM193FE Datasheet (HTML) - NXP Semiconductors

LM193FE Datasheet HTML 1Page - NXP Semiconductors LM193FE Datasheet HTML 2Page - NXP Semiconductors LM193FE Datasheet HTML 3Page - NXP Semiconductors LM193FE Datasheet HTML 4Page - NXP Semiconductors LM193FE Datasheet HTML 5Page - NXP Semiconductors LM193FE Datasheet HTML 6Page - NXP Semiconductors

LM193FE Product details

DESCRIPTION
The LM193 series consists of two independent precision voltage comparators with an offset voltage specification as low as 2.0mV max. for two comparators which were designed specifically to operate from a single power supply over a wide range of voltag

FEATURES
• Wide single supply voltage range 2.0VDC to 36VDC or dual
    supplies ±1.0VDC, to ±18VDC
• Very low supply current drain (0.8mA) independent of supply
    voltage (2.0mW/comparator at 5.0VDC)
• Low input biasing current 25nA
• Low input offset current ±5nA and offset voltage ±2mV
• Input common-mode voltage range includes ground
• Differential input voltage range equal to the power supply voltage
• Low output 250mV at 4mA saturation voltage
• Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
    logic systemses.

APPLICATIONS
• A/D converters
• Wide range VCO
• MOS clock generator
• High voltage logic gate
• Multivibrators




Similar Part No. - LM193FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193FK TI-LM193FK Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193FK TI-LM193FK Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193FK TI1-LM193FK Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193FK TI1-LM193FK Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM193FKB TI-LM193FKB Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Similar Description - LM193FE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com