Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9116-MT Datasheet (PDF) - SMSC Corporation

LAN9116-MT Datasheet PDF - SMSC Corporation
Part # LAN9116-MT
Download  LAN9116-MT Download

File Size   1575.13 Kbytes
Page   126 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller

LAN9116-MT Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9116-MT Datasheet PDF - SMSC Corporation

Part # LAN9116-MT
Download  LAN9116-MT Click to download

File Size   1575.13 Kbytes
Page   126 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller

LAN9116-MT Datasheet (HTML) - SMSC Corporation

Back Button LAN9116-MT Datasheet HTML 1Page - SMSC Corporation LAN9116-MT Datasheet HTML 2Page - SMSC Corporation LAN9116-MT Datasheet HTML 3Page - SMSC Corporation LAN9116-MT Datasheet HTML 4Page - SMSC Corporation LAN9116-MT Datasheet HTML 5Page - SMSC Corporation LAN9116-MT Datasheet HTML 6Page - SMSC Corporation LAN9116-MT Datasheet HTML 7Page - SMSC Corporation LAN9116-MT Datasheet HTML 8Page - SMSC Corporation LAN9116-MT Datasheet HTML 9Page - SMSC Corporation LAN9116-MT Datasheet HTML 10Page - SMSC Corporation Next Button 

LAN9116-MT Product details

General Description

The LAN9116 is a full-featured, single-chip 10/100 Ethernet controller designed for embedded applications where performance, flexibility, ease of integration and system cost control are required. The LAN9116 has been architected to provide the best price-performance ratio for any 32-bit application with medium-high performance requirements. The LAN9116 is fully IEEE 802.3 10BASE T and 802.3u 100BASE-TX compliant.



PRODUCT FEATURES

Highlights

■ Member of LAN9118 Family; optimized for medium high performance applications

■ Easily interfaces to most 32-bit and 16-bit embedded CPU’s

■ Efficient architecture with low CPU overhead

■ Integrated PHY

■ Supports audio & video streaming over Ethernet: 1-2 high-definition (HD) MPEG2 streams

■ Medium-high speed member of LAN9118 Family (all members are pin-compatible)



Target Applications

■ Medium-range Cable, satellite, and IP set-top boxes

■ Digital video recorders and DVD recorders/players

■ High definition televisions

■ Digital media clients/servers and home gateways

■ Video-over IP Solutions, IP PBX & video phones

■ Wireless routers & access points



Key Benefits

■ Non-PCI Ethernet controller for medium-high performance applications

   — 32-bit interface

   — Burst-mode read support

■ Eliminates dropped packets

   — Internal buffer memory can store over 200 packets

   — Supports automatic or host-triggered PAUSE and back pressure flow control

■ Minimizes CPU overhead

   — Supports Slave-DMA

   — Interrupt Pin with Programmable Hold-off timer

■ Reduces system cost and increases design flexibility

   — SRAM-like interface easily interfaces to most embedded CPU’s or SoC’s

   — Low-cost, low--pin count non-PCI interface for embedded designs

■ Reduced Power Modes

   — Numerous power management modes

   — Wake on LAN*

   — Magic packet wakeup*

   — Wakeup indicator event signal

   — Link Status Change

■ Single chip Ethernet controller

   — Fully compliant with IEEE 802.3/802.3u standards

   — Integrated Ethernet MAC and PHY

   — 10BASE-T and 100BASE-TX support

   — Full- and Half-duplex support

   — Full-duplex flow control

   — Backpressure for half-duplex flow control

   — Preamble generation and removal

   — Automatic 32-bit CRC generation and checking

   — Automatic payload padding and pad removal

   — Loop-back modes

■ Flexible address filtering modes

   — One 48-bit perfect address

   — 64 hash-filtered multicast addresses

   — Pass all multicast

   — Promiscuous mode

   — Inverse filtering

   — Pass all incoming with status report

   — Disable reception of broadcast packets

■ Integrated Ethernet PHY

   — Auto-negotiation

   — Automatic polarity detection and correction

■ High-Performance host bus interface

   — Simple, SRAM-like interface

   — 32/16-bit data bus

   — Large, 16Kbyte FIFO memory that can be allocated to RX or TX functions

   — One configurable host interrupt

■ Miscellaneous features

   — Low profile 100-pin TQFP package; green, lead free package also availaible

   — Integral 1.8V regulator

   — General Purpose Timer

   — Support for optional EEPROM

   — Support for 3 status LEDs multiplexed with Programmable GPIO signals

■ 3.3V Power Supply with 5V tolerant I/O

■ 0 to 70°C

* Third-party brands and names are the property of their respective owners.



 




Similar Part No. - LAN9116-MT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9116-MT MICROCHIP-LAN9116-MT Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116-MT SMSC-LAN9116-MT Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Similar Description - LAN9116-MT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_05 Datasheet
1Mb / 131P
   Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com