Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1517A Datasheet (PDF) - Intersil Corporation

EL1517A Datasheet PDF - Intersil Corporation
Part # EL1517A
Download  EL1517A Download

File Size   33.25 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description xDSL Differential Line Driver

EL1517A Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1517A Datasheet PDF - Intersil Corporation

Part # EL1517A
Download  EL1517A Click to download

File Size   33.25 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description xDSL Differential Line Driver

EL1517A Datasheet (HTML) - Intersil Corporation

EL1517A Datasheet HTML 1Page - Intersil Corporation EL1517A Datasheet HTML 2Page - Intersil Corporation

EL1517A Product details

The EL1517A is a dual operational amplifier designed for VDSL and ADSL line driving in DMT based solutions. This device features a high drive capability of 250mA while consuming only 7mA of supply current per amplifier and operating from a single 5V to 12V supply. This driver achieves a typical distortion of -80dBc, at 150kHz into a 25Ω load. The EL1517A is available in a 10 Ld HMSOP package and is specified for operation over the full -40°C to +85°C temperature range. The device has control pins C0 and C1 for controlling the bias and enable/disable of the outputs. These controls allow for lowering the power to fit the performance/power ratio for the application.

The EL1517A is ideal for ADSL, SDSL, HDSL2 and VDSL line driving applications. The “A” suffix is used only for package leadframe distinction between EL1517. All performance graphs in this datasheet were generated for EL1517IS and EL1517IL. There is no significant electrical difference between EL1517AIYE and the performance curves for EL1517IL.

The EL1517A can only be used for single supply operation. Use EL1517IL or EL1517IS for dual supply applications.



Features

• Drives up to 250mA from a +12V supply

• 18VP-P differential output drive into 50Ω

• 20VP-P differential output drive into 100Ω

• -80dBc typical driver output distortion at full output at 150kHz

• -75dBc typical driver output distortion at 3.75MHz

• -60dBc typical driver output distortion at 8MHz

• -50dBc typical driver output distortion at 16MHz

• Low quiescent current of 7mA per amplifier

• 200MHz bandwidth

• Use for single supply applications

• Pb-free available (RoHS compliant)



Applications

• VDSL line drivers

• ADSL full rate CPE line driving

• G.SHDSL, HDSL2 line drivers

• HomePlug networking drivers



 




Similar Part No. - EL1517A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517BILZ INTERSIL-EL1517BILZ Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517BILZ-T13 INTERSIL-EL1517BILZ-T13 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Similar Description - EL1517A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com