Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE555 Datasheet (PDF) - NXP Semiconductors

SE555 Datasheet PDF - NXP Semiconductors
Part # SE555
Download  SE555 Download

File Size   120.19 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Timer

SE555 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE555 Datasheet PDF - NXP Semiconductors

Part # SE555
Download  SE555 Click to download

File Size   120.19 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Timer

SE555 Datasheet (HTML) - NXP Semiconductors

SE555 Datasheet HTML 1Page - NXP Semiconductors SE555 Datasheet HTML 2Page - NXP Semiconductors SE555 Datasheet HTML 3Page - NXP Semiconductors SE555 Datasheet HTML 4Page - NXP Semiconductors SE555 Datasheet HTML 5Page - NXP Semiconductors SE555 Datasheet HTML 6Page - NXP Semiconductors SE555 Datasheet HTML 7Page - NXP Semiconductors

SE555 Product details

DESCRIPTION
The 555 monolithic timing circuit is a highly stable controller capable of producing accurate time delays, or oscillation. In the time delay mode of operation, the time is precisely controlled by one external resistor and capacitor. For a stable operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor. The circuit may be triggered and reset on falling waveforms, and the output structure can source or sink up to 200mA.

FEATURES
• Turn-off time less than 2µs
• Max. operating frequency greater than 500kHz
• Timing from microseconds to hours
• Operates in both astable and monostable modes
• High output current
• Adjustable duty cycle
• TTL compatible
• Temperature stability of 0.005% per °C

APPLICATIONS
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation




Similar Part No. - SE555

ManufacturerPart #DatasheetDescription
logo
NEC
SE555 NEC-SE555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Guangdong Youtai Semico...
SE555 UMW-SE555 Datasheet
409Kb / 17P
   NE555 Precision Timers
logo
STMicroelectronics
SE555 STMICROELECTRONICS-SE555 Datasheet
494Kb / 20P
   General purpose single bipolar timers
logo
Texas Instruments
SE555 TI-SE555 Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
SE555 TI-SE555 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results


Similar Description - SE555

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com