Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5539N Datasheet (PDF) - NXP Semiconductors

SE5539N Datasheet PDF - NXP Semiconductors
Part # SE5539N
Download  SE5539N Download

File Size   230.31 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High frequency operational amplifier

SE5539N Datasheet (PDF)

Go To PDF Page Download Datasheet
SE5539N Datasheet PDF - NXP Semiconductors

Part # SE5539N
Download  SE5539N Click to download

File Size   230.31 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High frequency operational amplifier

SE5539N Datasheet (HTML) - NXP Semiconductors

Back Button SE5539N Datasheet HTML 1Page - NXP Semiconductors SE5539N Datasheet HTML 2Page - NXP Semiconductors SE5539N Datasheet HTML 3Page - NXP Semiconductors SE5539N Datasheet HTML 4Page - NXP Semiconductors SE5539N Datasheet HTML 5Page - NXP Semiconductors SE5539N Datasheet HTML 6Page - NXP Semiconductors SE5539N Datasheet HTML 7Page - NXP Semiconductors SE5539N Datasheet HTML 8Page - NXP Semiconductors SE5539N Datasheet HTML 9Page - NXP Semiconductors SE5539N Datasheet HTML 10Page - NXP Semiconductors Next Button 

SE5539N Product details

DESCRIPTION

The NE/SE5539 is a very wide bandwidth, high slew rate, monolithic operational amplifier for use in video amplifiers, RF amplifiers, and extremely high slew rate amplifiers. Emitter-follower inputs provide a true differential input impedance device. Proper external compensation will allow design operation over a wide range of closed-loop gains, both inverting and non-inverting, to meet specific design requirements.



FEATURES

•Bandwidth

  –Unity gain: 350 MHz

  –Full power: 48 MHz

  –GBW: 1.2 GHz at 17 dB

•Slew rate: 600/Vµs

•AVOL: 52 dB typical

•Low noise: 4 nV√Hz typical



APPLICATIONS

•High speed datacom

•Video monitors & TV

•Satellite communications

•Image processing

•RF instrumentation & oscillators

•Magnetic storage




Similar Part No. - SE5539N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5539 PHILIPS-SE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
SE5539F PHILIPS-SE5539F Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
More results


Similar Description - SE5539N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Hitachi Semiconductor
HA17741 HITACHI-HA17741 Datasheet
89Kb / 18P
   General-Purpose Operational Amplifier (Frequency Compensated)
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com