Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV430 Datasheet (PDF) - Fairchild Semiconductor

FSAV430 Datasheet PDF - Fairchild Semiconductor
Part # FSAV430
Download  FSAV430 Download

File Size   544.36 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 1.1GHz 4 Channel 2:1 Video Switch

FSAV430 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSAV430 Datasheet PDF - Fairchild Semiconductor

Part # FSAV430
Download  FSAV430 Click to download

File Size   544.36 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 1.1GHz 4 Channel 2:1 Video Switch

FSAV430 Datasheet (HTML) - Fairchild Semiconductor

Back Button FSAV430 Datasheet HTML 1Page - Fairchild Semiconductor FSAV430 Datasheet HTML 2Page - Fairchild Semiconductor FSAV430 Datasheet HTML 3Page - Fairchild Semiconductor FSAV430 Datasheet HTML 4Page - Fairchild Semiconductor FSAV430 Datasheet HTML 5Page - Fairchild Semiconductor FSAV430 Datasheet HTML 6Page - Fairchild Semiconductor FSAV430 Datasheet HTML 7Page - Fairchild Semiconductor FSAV430 Datasheet HTML 8Page - Fairchild Semiconductor FSAV430 Datasheet HTML 9Page - Fairchild Semiconductor FSAV430 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 



Similar Part No. - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
More results


Similar Description - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com