Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-36 Datasheet (PDF) - Zoran Corporation

PM-36 Datasheet PDF - Zoran Corporation
Part # PM-36
Download  PM-36 Download

File Size   67.13 Kbytes
Page   2 Pages
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation
Description JPEG Image Processor

PM-36 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM-36 Datasheet PDF - Zoran Corporation

Part # PM-36
Download  PM-36 Click to download

File Size   67.13 Kbytes
Page   2 Pages
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation
Description JPEG Image Processor

PM-36 Datasheet (HTML) - Zoran Corporation

PM-36 Datasheet HTML 1Page - Zoran Corporation PM-36 Datasheet HTML 2Page - Zoran Corporation

PM-36 Product details

The PM-36 is a fixed-function Codec device that delivers high speed JPEG compression/decompression of color and grayscale image data. An ISO standard for lossy image compression, JPEG can reduce the size of image data without a noticeable difference in image quality. This improves system performance of peripheral-based applications by reducing bandwidth and storage requirements. The PM-36 is ideal for high resolution imaging applications such as copiers, scanners, printers and multifunction peripherals, particularly in networked environments.

Key Features
• Conforms to ISO IS 10918-1/10918-2 JPEG baseline for grayscale and color
• 80 MHz clock speed for sustained 80 MB/second throughput (Raster or Block mode operations)
• 110 MHz clock speed for sustained 110 MB/second throughput (Block mode operations only)
• 3.3 Volt power supply
• Four selectable quantization tables
• Two pairs of loadable Huffman tables
• Programmable code rate control
• Programmable code size control (single pass)
• Raster and block data formats
• Internal 256-byte buffers on input and output ports
• I/O modes supporting transfer rates up to 40 MHz (280 MB/per second)
• Internal Phase-Locked Loop (PLL)
• Horizontal 2:1 subsampling and upsampling support for 4:2:2 formats using 2 or 3 point filters (Raster mode operations only)

Benefits
• High Performance–JPEG Imaging Codec–Delivers sustained data rates of up to 110 MB per second
• Efficient Coding–four loadable Q-Tables and two loadable Huffman table pairs
• Highly Integrated–Internal Phase-Locked Loop (PLL)
• 3.3 Volt supply–5 Volt Tolerant I/O
• Standard Compliant–ISO IS 10918-1/10918-2




Similar Part No. - PM-36

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-3008 PMI-PM-3008 Datasheet
64Kb / 4P
   SMALL OUTLINE 10/100BASE-T ISOLATION TRANSFORMERS
PM-3009 PMI-PM-3009 Datasheet
64Kb / 4P
   SMALL OUTLINE 10/100BASE-T ISOLATION TRANSFORMERS
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
PM-35LC-ADV-01 DATEL-PM-35LC-ADV-01 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
PM-35LC-ADV-01 DATEL-PM-35LC-ADV-01 Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
More results


Similar Description - PM-36

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
List of Unclassifed Man...
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
   Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
   Multifunction Image Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com