Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3670 Datasheet (PDF) - Advanced Analogic Technologies

AAT3670 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3670
Download  AAT3670 Download

File Size   665.36 Kbytes
Page   32 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1.6A Dynamic Battery Charger and Power Manager

AAT3670 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3670 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3670
Download  AAT3670 Click to download

File Size   665.36 Kbytes
Page   32 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1.6A Dynamic Battery Charger and Power Manager

AAT3670 Datasheet (HTML) - Advanced Analogic Technologies

Back Button AAT3670 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button 

AAT3670 Product details

General Description
The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery charger and system power management IC that enables simultaneous battery charging and full system usage without compromising the battery’s charge cycle life. It operates with low-voltage AC adapter (ADP) and USB inputs and requires a minimum number of external components.

Features
• ADP, USB, or Battery Powers System Load Through Internal Current-Limited Switches
• Simultaneous Battery Charging and System Usage
• Voltage Sensed Charge Reduction Loop to Minimize Charge Time, Even While the System Operates
• Digitized Thermal Loop
• Battery Power Enable (ENBAT)
• Battery Charge Timer (CT)
• Battery Temperature Monitoring (TS)
• Battery Charge Status Report (STATx)
• Automatic Recharge Sequencing
• Battery Under-Voltage, Over-Voltage, and OverCurrent Protection
• System Load Current Limiting
• Thermal Protection
• 24-pin 4x4mm QFN Package

Applications
• Cellular Telephones
• Digital Still Cameras
• Personal Data Assistants (PDAs)
• Hand Held PCs
• MP3 Players and PMP
• Other Li-ion Battery Powered Devices




Similar Part No. - AAT3670

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
More results


Similar Description - AAT3670

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3673 SKYWORKS-AAT3673 Datasheet
3Mb / 28P
   1.6A Dynamic Battery Charger and Power Manager
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
   1.6A Dynamic Battery Charger and Power Manager
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com